Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9625BZQW Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9625BZQW
Description  Dual-Channel Synchronous Rectified MOSFET Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9625BZQW Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9625BZQW Datasheet HTML 6Page - Richtek Technology Corporation RT9625BZQW Datasheet HTML 7Page - Richtek Technology Corporation RT9625BZQW Datasheet HTML 8Page - Richtek Technology Corporation RT9625BZQW Datasheet HTML 9Page - Richtek Technology Corporation RT9625BZQW Datasheet HTML 10Page - Richtek Technology Corporation RT9625BZQW Datasheet HTML 11Page - Richtek Technology Corporation RT9625BZQW Datasheet HTML 12Page - Richtek Technology Corporation RT9625BZQW Datasheet HTML 13Page - Richtek Technology Corporation RT9625BZQW Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RT9625B
10
DS9625B-04
July 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT9625B is a high frequency, two-channel
synchronous rectified MOSFET driver containing Richtek's
advanced MOSFET driver technologies. The RT9625B is
designed to be able to adapt from normal MOSFET driving
applications to high performance CPU VR driving
capabilities.
Supply Voltage and Power On Reset
The RT9625B can be utilized under both VCC = 5V or VCC
= 12V applications which may happen in different fields of
electronics application circuits. In terms of efficiency,
higher VCC equals higher driving voltage of UGATEx/
LGATEx which may result in higher switching loss and
lower conduction loss of power MOSFETs. The choice of
VCC = 12V or VCC = 5V can be a tradeoff to optimize
system efficiency.
The RT9625B controls both high side and low side N-
MOSFETs of two half-bridge power according to two
external input PWMx control signals. It has Power On
Reset (POR) function which held UGATEx and LGATEx
low before the VCC voltage rises to higher than rising
threshold voltage. When VCC exceeds the POR threshold
voltage, the voltage at the POR pin will be pulled high.
Tri-state PWM Input
After the initialization, the PWMx signal takes the control.
The rising PWMx signal first forces the LGATEx signal to
turn low then UGATEx signal is allowed to go high just
after a non-overlapping time to avoid shoot through current.
The falling of PWMx signal first forces UGATEx to go low.
When UGATEx and PHASEx signal reach a
predetermined low level, LGATEx signal is allowed to turn
high.
The PWMx signal is acted as “ High” if the signal is above
the rising threshold and acted as “ Low” if the signal is
below the falling threshold. When PWM signal level enters
and remains within the shutdown window, the output drivers
are disabled and both MOSFET gates are pulled and held
low. If the PWMx signal is left floating, the pin will be kept
around 1.8V by the internal divider and provide the PWMx
controller with a recognizable level.
Bootstrap Power Switch
The RT9625B builds in internal bootstrap power switches
to replace external bootstrap diode, and this can facilitate
PCB design and reduce total BOM cost of the system.
Hence, no external bootstrap diode is required in real
applications.
Non-overlap Control
To prevent the overlap of the gate drivers during the
UGATEx pull low and the LGATEx pull high, the non-overlap
circuit monitors the voltages at the PHASEx node and
high side gate drive (UGATEx
− PHASEx). When the
PWMx input signal goes low, UGATEx begins to pull low
(after propagation delay). Before LGATEx is pulled high,
the non-overlap protection circuit ensures that the
monitored voltages have gone below 1.1V. Once the
monitored voltages fall below 1.1V, LGATEx begins to turn
high. By waiting for the voltages of the PHASEx pin and
high side gate driver to fall below 1.1V, the non-overlap
protection circuit ensures that UGATEx is low before
LGATEx pulls high.
Also to prevent the overlap of the gate drivers during
LGATEx pull low and UGATEx pull high, the non-overlap
circuit monitors the LGATEx voltage. When LGATEx goes
below 1.1V, UGATEx goes high after propagation delay.
Driving Power MOSFETs
The DC input impedance of the power MOSFET is
extremely high. When Vgs1 or Vgs2 is at 12V or 5V, the
gate draws the current only for few nano-amperes. Thus
once the gate has been driven up to “ ON” level, the
current could be negligible.
However, the capacitance at the gate to source terminal
should be considered. It requires relatively large currents
to drive the gate up and down 12V (or 5V) rapidly. It is
also required to switch drain current on and off with the
required speed. The required gate drive currents are
calculated as follows.


Similar Part No. - RT9625BZQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9625B RICHTEK-RT9625B Datasheet
200Kb / 14P
   Dual-Channel Synchronous Rectified MOSFET Driver
More results

Similar Description - RT9625BZQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9625B RICHTEK-RT9625B Datasheet
200Kb / 14P
   Dual-Channel Synchronous Rectified MOSFET Driver
RT9625A RICHTEK-RT9625A_15 Datasheet
175Kb / 14P
   Dual-Channel Synchronous Rectified MOSFET Driver
RT9625A RICHTEK-RT9625A Datasheet
212Kb / 14P
   Dual-Channel Synchronous Rectified MOSFET Driver
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
   DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
logo
Renesas Technology Corp
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602B RENESAS-HIP6602B Datasheet
608Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602_07 Datasheet
216Kb / 11P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com