Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE154 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE154
Description  Silicon NPN Transistor High Voltage Video Output
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE154 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector Base Breakdown Voltage
V(BR)CBO IC = 100µA, IE = 0
300
V
Emitter Base Breakdown Voltage
V(BR)EBO IE = 100µA, IC = 0
7
V
Collector Cutoff Current
ICBO
IE = 0, VCB = 200V
1.0
100
nA
IE = 0, VCB = 200V, TA = +125°C
0.2
5.0
µA
Emitter Cutoff Current
IEBO
IC = 0, VEB = 6V
1.0
100
nA
DC Current Gain
hFE
IC = 1mA, VCE = 20V
20
50
IC = 10mA, VCE = 20V, Note 5
40
100
IC = 30mA, VCE = 20V, Note 5
40
100
Collector Emitter Sustaining Voltage
VCEO(sus) IC = 5mA, IB = 0, Note 2, Note 5
300
V
Base Emitter Saturating Voltage
VBE(sat)
IC = 20mA, IB = 2mA, Note 5
0.74
0.85
V
Collector Emitter Saturating Voltage
VCE(sat)
IC = 20mA, IB = 2mA, Note 5
0.35
1.0
V
High Frequency Current Gain
hfe
IC = 15mA, VCE = 150V, f = 20MHz
2.5
4.0
IC = 3mA, VCE = 270V, f = 20MHz
2.0
2.5
IC = 30mA, VCE = 30V, f = 20MHz,
RL = 9kΩ
2.0
4.0
Collector Base Capacitance
Ccb
IE = 0, VCB = 20V
2.5
3.0
pF
Emitter Base Capacitance
Ceb
IC = 0, VEB = 500mV
45
70
pF
Note 2. This rating refers to a high current point where collector to emitter voltage is lowest.
Note 5. Pulse Conditions: Length = 300
µs, Duty Cycle = 1%.
.260
(6.6)
Max
.500
(12.7)
Min
.370 (9.39) Dia Max
.355 (9.03) Dia Max
45
°
.031 (.793)
Emitter
Base
Collector/Case
.018 (0.45)


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn