Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE154 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE154
Description  Silicon NPN Transistor High Voltage Video Output
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE154 Datasheet(HTML) 1 Page - NTE Electronics

  NTE154 Datasheet HTML 1Page - NTE Electronics NTE154 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE154
Silicon NPN Transistor
High Voltage Video Output
Description:
The NTE154 is a silicon NPN transistor in a TO39 type package designed for use as a video output
to drive a color CRT.
Features:
D High Voltage: VCEO = 300V Min @ IC = 5mA
D Low Capacitance: Cob = 3pF Max @ VCB = 20V
D High Frequency: ft = 50MHz Min @ IC = 15mA
D High Power Dissipation: PD = 7W @ TC = +25°C
Absolute Maximum Ratings: (Note 1)
Collector to Base Voltage, VCBO
300V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector to Emitter Voltage (Note 2), VCEO
300V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter to Base Voltage, VEBO
7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (Note 3, Note 4), PD
TC = +25°C
7W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TA = +25°C
1W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, Topr
+200
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 60sec), TL
+300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. These ratings are limiting values above which the serviceability of this device may be impaired.
Note 2. This rating refers to a high current point where collector to emitter voltage is lowest.
Note 3. These ratings are steady state limits.
Note 4. These ratings give a maximum junction temperature of +200
°C and junction to case thermal
resistance of +25
°C/W (derating factor of 40mW/°C); junction to ambient thermal resistance
of +175
°C/W (derating factor of 5.71mW/°C).


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn