Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-22A153DE063 Datasheet(PDF) 4 Page - Kemet Corporation

Part # AL-22A153DE063
Description  Board Mounting or Solder Tag Terminations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

AL-22A153DE063 Datasheet(HTML) 4 Page - Kemet Corporation

  AL-22A153DE063 Datasheet HTML 1Page - Kemet Corporation AL-22A153DE063 Datasheet HTML 2Page - Kemet Corporation AL-22A153DE063 Datasheet HTML 3Page - Kemet Corporation AL-22A153DE063 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BHC Aerovox
LTD.
-
A L U M I N I U M
E L E C T R O L Y T I C
C A P A C I T
O R S
Rated
Cap
Case
ESR m
Ω at 20°C
Impedance m
Ω Ripple current A at 85°C
Type number
voltage
µF
Size
100Hz
at 20 °C,10 KHz
100 Hz
(Excluding style ref)
150
25x35
424
321
1.07
AL-22A151AA200
220
25x45
289
219
1.43
AL-22A221AB200
330
30x45
208
161
1.88
AL-22A331BB200
470
35x45
165
132
2.84
AL-22A471CB200
680
35x55
121
97
3.58
AL-22A681CD200
680
40x45
140
116
3.34
AL-22A681DB200
1000
40x55
104
87
4.19
AL-22A102DD200
1500
40x75
71
59
5.71
AL-22A152DE200
2200
40x105
48
40
7.95
AL-22A222DF200
100
25x35
859
661
0.75
AL-22A101AA250
150
25x45
573
441
1.01
AL-22A151AB250
220
30x45
405
315
1.35
AL-22A221BB250
330
35x45
290
230
2.14
AL-22A331CB250
470
35x55
209
167
2.72
AL-22A471CD250
470
40x45
229
186
2.62
AL-22A471DB250
680
40x55
166
137
3.32
AL-22A681DD250
1000
40x75
113
93
4.53
AL-22A102DE250
1500
40x105
76
62
6.32
AL-22A152DF250
68
25x35
1914
1417
0.50
AL-22A680AA385
100
25x45
1301
964
0.67
AL-22A101AB385
150
30x45
884
659
0.91
AL-22A151BB385
220
35x45
625
471
1.46
AL-22A221CB385
330
35x55
426
324
1.90
AL-22A331CD385
330
40x45
450
347
1.88
AL-22A331DB385
470
40x55
324
252
2.37
AL-22A471DD385
680
40x75
223
173
3.22
AL-22A681DE385
1000
40x105
151
117
4.49
AL-22A102DF385
47
25x35
4180
3020
0.34
ALP22A470AA450
68
25x45
2890
2085
0.45
ALP22A680AB450
100
30x45
1980
1430
0.61
ALP22A101BB450
150
35x45
1330
970
1.00
ALP22A151CB450
220
35x55
910
665
1.31
ALP22A221CD450
220
40x45
940
686
1.31
ALP22A221DB450
330
40x55
630
466
1.70
ALP22A331DD450
470
40x75
440
322
2.29
ALP22A471DE450
680
40x105
300
222
3.18
ALP22A681DF450
Board Mounting or Solder Tag Terminations
ALP/T22 SERIES
Note: Values of E.S.R. and Impedance quoted above are maximum
ALP Mounting (DIN 41238)
Additional dummy pins are provided for stability. Note
that the case and dummy pins may be at negative
terminal potential.
(Printed circuit board hole positions). Viewed from
component side.
25mm dia can
30mm dia can
35mm dia can
40mm dia can
Connections
Hole 1 represents +ve
Hole 5 represents -ve
Terminals 2,3 and 4 may be at negative terminal
potential due to the presence of electrolyte. They are
intended for mechanical connections only. It is
recommended that they are soldered to the printed
circuit board.
51


Similar Part No. - AL-22A153DE063

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
AL-24W-K FUJITSU-AL-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
AL-24W-K LITEON-AL-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
IRC - a TT electronics ...
AL-2510RDBLF IRCTT-AL-2510RDBLF Datasheet
252Kb / 2P
   Chassis Mounted Power Wirewound Resistor
AL-2510RDDLF IRCTT-AL-2510RDDLF Datasheet
252Kb / 2P
   Chassis Mounted Power Wirewound Resistor
AL-2510RDFLF IRCTT-AL-2510RDFLF Datasheet
252Kb / 2P
   Chassis Mounted Power Wirewound Resistor
More results

Similar Description - AL-22A153DE063

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T.020030 VISHAY-T.020030 Datasheet
118Kb / 3P
   Pot Capacitors, Tag Mounting
Revision: 17-Nov-01
T.030090 VISHAY-T.030090 Datasheet
146Kb / 3P
   Pot Capacitors, Tag Mounting
Revision: 21-Feb-02
logo
Kemet Corporation
ALN20S KEMET-ALN20S Datasheet
418Kb / 2P
   4 Pin Solder tag
logo
WECO ELECTRICAL CONNECT...
321-LFS WECO-321-LFS Datasheet
155Kb / 1P
   Screw/solder terminal strip Screw/solder tag connection, side of solder tag closed, pottable
04.19
logo
Vishay Siliconix
T.085120 VISHAY-T.085120 Datasheet
140Kb / 3P
   Pot Capacitors, Tag & Flange Mounting
Revision: 22-Nov-01
DF030070 VISHAY-DF030070 Datasheet
139Kb / 3P
   Feed-Through Capacitors, Tag Mounting
Revision: 21-Nov-01
T.050120 VISHAY-T.050120 Datasheet
137Kb / 3P
   Pot Capacitors, Tag & Flange Mounting
Revision: 21-Jan-02
logo
Hirose Electric
HT-025-1 HIROSE-HT-025-1 Datasheet
305Kb / 5P
   Stripline Mounting Non-reflective Terminations
logo
WECO ELECTRICAL CONNECT...
951-A-LFDS WECO-951-A-LFDS Datasheet
113Kb / 1P
   Screw/solder terminal strip Screw/solder tag connection
05.19
931-A-LFDS WECO-931-A-LFDS Datasheet
117Kb / 1P
   Screw/solder terminal strip Screw/solder tag connection
05.19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com