Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WV07 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NC7WV07
Description  TinyLogic ULP-A Dual Buffer (Open Drain Output)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WV07 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  NC7WV07 Datasheet HTML 1Page - Fairchild Semiconductor NC7WV07 Datasheet HTML 2Page - Fairchild Semiconductor NC7WV07 Datasheet HTML 3Page - Fairchild Semiconductor NC7WV07 Datasheet HTML 4Page - Fairchild Semiconductor NC7WV07 Datasheet HTML 5Page - Fairchild Semiconductor NC7WV07 Datasheet HTML 6Page - Fairchild Semiconductor NC7WV07 Datasheet HTML 7Page - Fairchild Semiconductor NC7WV07 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
Tape and Reel Specification (Continued)
TAPE FORMAT for MircoPak
TAPE DIMENSIONS inches (millimeters)
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
L6X
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape
Size
ABCDN
W1
W2
W3
8 mm
7.0
0.059
0.512
0.795
2.165
0.331
+ 0.059/−0.000
0.567
W1
+ 0.078/−0.039
(177.8)
(1.50)
(13.00)
(20.20)
(55.00)
(8.40
+ 1.50/−0.00)
(14.40)
(W1
+ 2.00/−1.00)


Similar Part No. - NC7WV07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WV07 FAIRCHILD-NC7WV07 Datasheet
515Kb / 11P
   TinyLogic ULP-A Dual Buffer (Open Drain Output)
logo
ON Semiconductor
NC7WV07 ONSEMI-NC7WV07 Datasheet
371Kb / 10P
   TinyLogic ULP-A Bual Buffer
July 2012 Rev. 1.0.2
NC7WV07 ONSEMI-NC7WV07 Datasheet
171Kb / 9P
   TinyLogic ULP-A Dual Buffer (Open-Drain Output)
September, 2021-Rev. 2
logo
Fairchild Semiconductor
NC7WV07L6X FAIRCHILD-NC7WV07L6X Datasheet
515Kb / 11P
   TinyLogic ULP-A Dual Buffer (Open Drain Output)
logo
ON Semiconductor
NC7WV07L6X ONSEMI-NC7WV07L6X Datasheet
371Kb / 10P
   TinyLogic ULP-A Bual Buffer
July 2012 Rev. 1.0.2
More results

Similar Description - NC7WV07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WV07 FAIRCHILD-NC7WV07_06 Datasheet
515Kb / 11P
   TinyLogic ULP-A Dual Buffer (Open Drain Output)
logo
ON Semiconductor
NC7WV07 ONSEMI-NC7WV07_V01 Datasheet
171Kb / 9P
   TinyLogic ULP-A Dual Buffer (Open-Drain Output)
September, 2021-Rev. 2
logo
Fairchild Semiconductor
NC7WP07 FAIRCHILD-NC7WP07 Datasheet
181Kb / 9P
   TinyLogic-R ULP Dual Buffer (Open Drain Output) (Preliminary)
NC7SV05 FAIRCHILD-NC7SV05 Datasheet
297Kb / 8P
   TinyLogic ULP-A Inverter (Open Drain Output)
logo
ON Semiconductor
NC7SP05 ONSEMI-NC7SP05_V01 Datasheet
333Kb / 9P
   TinyLogic ULP-A Inverter (Open-Drain Output)
April, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SV05 FAIRCHILD-NC7SV05_04 Datasheet
287Kb / 8P
   TinyLogic ULP-A Inverter (Open Drain Output)
NC7SP05 FAIRCHILD-NC7SP05 Datasheet
285Kb / 9P
   TinyLogic ULP Inverter (Open Drain Output)
NC7SP05 FAIRCHILD-NC7SP05_04 Datasheet
288Kb / 9P
   TinyLogic ULP Inverter (Open Drain Output)
logo
ON Semiconductor
NC7SP38 ONSEMI-NC7SP38_V01 Datasheet
295Kb / 9P
   TinyLogic ULP-A NAND Gate (Open-Drain Output)
February, 2021 ??Rev. 1
NC7WV16 ONSEMI-NC7WV16 Datasheet
290Kb / 11P
   TinyLogic ULP-A Dual Buffer
Revised March 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com