Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NC7NP04 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. NC7NP04
Description  TinyLogic ULP Triple Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NC7NP04 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500807
www.fairchildsemi.com
October 2003
Revised January 2005
NC7NP04
TinyLogic
 ULP Triple Inverter
General Description
The NC7NP04 is a triple inverter from Fairchild’s Ultra Low
Power (ULP) Series of TinyLogic
. Ideal for applications
where battery life is critical, this product is designed for
ultra low power consumption within the VCC operating
range of 0.9V to 3.6V.
The internal circuit is composed of a minimum of inverter
stages including the output buffer, to enable ultra low static
and dynamic power.
The NC7NP04 is designed for optimized power and speed,
and is fabricated with an advanced CMOS technology to
achieve high speed, low noise operation while maintaining
extremely low CMOS power dissipation.
Features
s Space saving US8 package
s Ultra small MicroPak
 Pb-Free package
s 0.9V to 3.6V VCC supply operation
s 3.6V overvoltage tolerant I/O’s at VCC from 0.9V to 3.6V
s tPD
4.0 ns typ for 3.0V to 3.6V VCC
5.0 ns typ for 2.3V to 2.7V VCC
6.0 ns typ for 1.65V to 1.95V VCC
7.0 ns typ for 1.40V to 1.60V VCC
11.0 ns typ for 1.10V to 1.30V VCC
27.0 ns typ for 0.90V VCC
s Power-Off high impedance inputs and outputs
s Static Drive (IOH/IOL)
±2.6 mA @ 3.00V V
CC
±2.1 mA @ 2.30V V
CC
±1.5 mA @ 1.65V V
CC
±1.0 mA @ 1.40V V
CC
±0.5 mA @ 1.10V V
CC
±20 µA@ 0.9V V
CC
s Low noise switching using design techniques of
Quiet Series
 noise/EMI reduction circuitry
s Ultra low dynamic power
Ordering Code:
Pb-Free package per JEDEC J-STD-020B.
Battery Life vs. VCC Supply Voltage
TinyLogic ULP and ULP-A with up to 50% less power consumption can
extend your battery life significantly.
Battery Life
= (V
battery *Ibattery*.9) / (Pdevice) / 24hrs/day
Where, Pdevice = (ICC * VCC) + (CPD + CL) * VCC
2 * f
Assumes ideal 3.6V Lithium Ion battery with current rating of 900mAH and
derated 90% and device frequency at 10MHz, with CL = 15 pF load
TinyLogic
 is a registered trademark, and Quiet Series and MicroPak are trademarks of Fairchild Semiconductor Corporation.
Order Number
Product
Package Description
Supplied As
Package
Code
Number
Top Mark
NC7NP04K8X
MAB08A
NP04
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide 3k Units on Tape and Reel
NC7NP04L8X
MAC08A
X5
Pb-Free 8-Lead MicroPak, 1.6 mm Wide
5k Units on Tape and Reel


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn