Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSC-800 Datasheet(PDF) 2 Page - Riedon Powertron

Part # RSC-800
Description  Precision Current / DC Current Shunts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

RSC-800 Datasheet(HTML) 2 Page - Riedon Powertron

  RSC-800 Datasheet HTML 1Page - Riedon Powertron RSC-800 Datasheet HTML 2Page - Riedon Powertron RSC-800 Datasheet HTML 3Page - Riedon Powertron RSC-800 Datasheet HTML 4Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
08/16
www.riedon.com
SPECIFICATIONS
Rated Output
50mV, 100mV, Custom
Voltage Tolerance
±0.25% Standard
±0.1% Available ( Contact Factory)
Operating Temp.
-40°C to +60°C
Storage Temp.
-55°C to 80°C
Dielectric Strength
750VDC ( Terminal Block to Base)
Materials
Resistance Element: Manganin
Terminal Block RSA & RSB: Brass
Terminal Block RSC: Copper
Hardware: Brass
Solder: Lead Free Standard, Lead on Request
Military Spec
Built to A-A-55524, Commercial Version of MIL-S-61B
Calibrated on Certified N.I.S.T Equipment
Part Description: Part Type - Voltage Output (mV)
Example: RSA-100-50
Ordering Information
+0.04
+0.02
0
-0.02
-0.04
-0.06
-0.08
-0.10
-0.12
10
20
30
40
50
60
70
80
90
100
Temperature °C
Manganin Temperature Coecient of Resistance ±15 PPM/C
RS Series
Precision Current / DC Current Shunts


Similar Part No. - RSC-800

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
RSC-800 RIEDON-RSC-800 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSC-800 RIEDON-RSC-800 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSC-800 RIEDON-RSC-800 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSC-800 RIEDON-RSC-800 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
More results

Similar Description - RSC-800

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
RSA-50-50 RIEDON-RSA-50-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-100-100 RIEDON-RSA-100-100 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-5 RIEDON-RSA-5 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-20-50 RIEDON-RSA-20-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSB-500-50 RIEDON-RSB-500-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSB-300-50 RIEDON-RSB-300-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
logo
IET Labs Inc.
DCCS IET-DCCS Datasheet
186Kb / 1P
   DC Current Shunts
October 2017
logo
Ohmite Mfg. Co.
SHD1-100C075DE OHMITE-SHD1-100C075DE Datasheet
361Kb / 2P
   High Current Shunts
S-SERIES OHMITE-S-SERIES Datasheet
502Kb / 2P
   High Current Shunts
logo
Token Electronics Indus...
OAR1R01JP TOKEN-OAR1R01JP Datasheet
1Mb / 58P
   Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com