Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1537 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1537
Description  Integrated Circuit CMOS, Digital Frequency Indicator w/Clock LED Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1537 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1537 Datasheet HTML 1Page - NTE Electronics NTE1537 Datasheet HTML 2Page - NTE Electronics NTE1537 Datasheet HTML 3Page - NTE Electronics NTE1537 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTE1537
Integrated Circuit
CMOS, Digital Frequency Indicator
w/Clock LED Function
Applications:
D Car Radio Applications:
FM/AM Receiving Frequency Display and Clock Display
D Home Radio Applications:
FM/AM Receiving Frequency Display and Clock Display
D Car Clock Applications:
Hours–Minutes, Month–Date/Stopwatch Display
Functions:
D FM Receiving Frequency Display (4 Digits)
D AM Receiving Frequency Display (4 Digits)
D Month–Date or Stopwatch Display (Either of these Selectable)
Features:
D Single–Chip CMOS LSI for Static Display System
D Capable of Direct Driving Green LED (Drive Capacity 15mA)
D Capable of Selecting Frequency Display/Time Display
D Use FM/AM Local Oscillation Signal of Varactor Diode, Variable Capacitor, or µ Tuning System
to Digitally Display FM/AM Receiving Frequency
D Covers 4 AM Intermediate Frequencies: +262.5, +452.5, +455, +470kHz
D Covers 2 FM Intermediate Frequencies: +10.7, –10.7MHz
D Capable of Fine–Adjusting AM/FM Display Frequency Error Independently
• A variable Resistor can be used to Correct AM IF Error within ±2.8kHz
• A variable Resistor can be used to Correct FM IF Error within ±140kHz
D Two Selections of Display System (12–Hour System with PM Sign which is Displayed During
Setting Only, 24–Hour System)
D Programmed on Long Months (31 Days)/Short Months (30 Days). Date in February is Pro-
grammed to Count up to the 29th
D Easy to Set Time by th Time Signal
D Stopwatch Capable of Counting/Displaying 1 Second to 12 Hours, 59 Minutes, 59 Seconds
D Inhibit Pin for Inhibiting Time Setting with Display Unlighted
D 4MHz Crystal for Reference Frequency


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn