Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNR4-T227 Datasheet(PDF) 1 Page - Riedon Powertron

Part # FNR4-T227
Description  Foil Power Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

FNR4-T227 Datasheet(HTML) 1 Page - Riedon Powertron

  FNR4-T227 Datasheet HTML 1Page - Riedon Powertron FNR4-T227 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
06/13
SPECIFICATIONS
• Resistances from 0.001Ohm to 100Ohms
• Power Rating to 80Watt
• Resistance Tolerances to ±0.1%
• TCR to ±15ppm/°C
• Load Stability to 0.1%
Foil Power Resistors
Type
FPR 2-T227
FPR 4-T227
FNR 2-T227
FNR 4-T227
Terminals
2
4
(kelvin connection)
2
4
(kelvin connection)
Resistance Range
0.01 to 100 Ohms
0.001 to 100 Ohms
0.01 to 100 Ohms
0.001 to 100 Ohms
Power Rating
(with heatsink)
60W
80W
Thermal Resistance Rthj-c
1.3 K/W
1.0 K/W
Tolerances
(depends on resistance)
0.1%1 / 1% / 2% / 5%
(others upon request)
Stability
0.1% / 0.2% / 0.5%
(depends on stress)
Temperature Coefficient
±15 ppm/K (20 to 60°C)
from R < 0.02 Ohms ±20 ppm/K (20 to 60°C)
FPR 2-T227 / FNR 2-T227 TK Shift depends from
resistance value (see graph next page)
Voltage Proof
1.5 kV DC ( higher upon request )
Thermal EMF
< 1 µV/K
Max. Current
45A (85A on request)
50A (100A on request)
Operating Temperature
-40°C to 130°C
Resistor Material
Metalfoil CuNiMn (DIN 17471)
Substrate
Al
2O3
AlN
Housing
Epoxy
Connector Material
Cu / tinned or nickel plated
Max. Torque
backplate: 1.5Nm
terminals: 1.3 Nm
Part Description: Part Type - Resistance - Tolerance
FPR 2-T227 1.1 Ohms 1%
Ordering Information
FPR FNR 2-T227 4-T227
In Stock
At Riedon
1
Please inquire for low ohm values


Similar Part No. - FNR4-T227

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
FNR4-T227 RIEDON-FNR4-T227 Datasheet
360Kb / 2P
   Foil Power Resistors
FNR4-T227 RIEDON-FNR4-T227 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR4-T227 RIEDON-FNR4-T227 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR4-T227 RIEDON-FNR4-T227 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR4-T227 RIEDON-FNR4-T227 Datasheet
221Kb / 2P
   Foil Power Resistors
More results

Similar Description - FNR4-T227

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
FNR2E-0R025F1 RIEDON-FNR2E-0R025F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R15F1 RIEDON-FNR2E-0R15F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FPR2-T227 RIEDON-FPR2-T227 Datasheet
360Kb / 2P
   Foil Power Resistors
FNR2E-0R1F1 RIEDON-FNR2E-0R1F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R5F1 RIEDON-FNR2E-0R5F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FPR2-T227 RIEDON-FPR2-T227_13 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R015F1 RIEDON-FNR2E-0R015F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R01F1 RIEDON-FNR2E-0R01F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-3RF1 RIEDON-FNR2E-3RF1 Datasheet
221Kb / 2P
   Foil Power Resistors
USR2-0808 RIEDON-USR2-0808_15 Datasheet
185Kb / 2P
   Precision Foil Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com