Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9146ZQWA Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9146ZQWA
Description  Rail-to-Rail Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9146ZQWA Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9146ZQWA Datasheet HTML 2Page - Richtek Technology Corporation RT9146ZQWA Datasheet HTML 3Page - Richtek Technology Corporation RT9146ZQWA Datasheet HTML 4Page - Richtek Technology Corporation RT9146ZQWA Datasheet HTML 5Page - Richtek Technology Corporation RT9146ZQWA Datasheet HTML 6Page - Richtek Technology Corporation RT9146ZQWA Datasheet HTML 7Page - Richtek Technology Corporation RT9146ZQWA Datasheet HTML 8Page - Richtek Technology Corporation RT9146ZQWA Datasheet HTML 9Page - Richtek Technology Corporation RT9146ZQWA Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RT9146/7
6
DS9146/7-03 May 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Rail to Rail
Time (25
μs/Div)
VIN+
(4V/Div)
VOUT
(4V/Div)
Unity Gain, VIN+ = 0.5V to 15.5V,
VS+ = 16V, VS− = 0V, f = 10kHz
Input Offset Voltage vs. Temperature
-3
-2
-1
0
1
-50
-25
0
25
50
75
100
125
Temperature (°C)
Unity Gain, VIN+ = 8V,
VS+ = 16V, VS− = 0V
Supply Current vs. Temperature
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Temperature (°C)
Unity Gain, VIN+ = 8V,
VS+ = 16V, VS− = 0V
Input Offset Voltage vs. Supply Voltage
-1.5
-1.0
-0.5
0.0
6
8
10
12
14
16
18
20
Supply Voltage (V)
Unity Gain, VIN+ = VS+ / 2,
VS+ = 6V to 20V, VS− = 0V
Supply Current vs. Supply Voltage
1
2
3
4
5
6
8
10
12
14
16
18
20
Supply Voltage (V)
Unity Gain, VIN+ = VS+ / 2,
VS+ = 6V to 20V, VS− = 0V
Output Voltage Swing vs. Supply Voltage
-0.6
-0.4
-0.2
0.0
0.2
0.4
6
8
10
12
14
16
18
20
Supply Voltage (V)
VS+ = 6V to 20V, VS− = 0V
Swing Low, VIN+ = 0V,
VIN− = 3V, ILOAD =
−50mA
Swing High, VIN+ = 3V,
VIN− = 0V, ILOAD = 50mA


Similar Part No. - RT9146ZQWA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146 Datasheet
142Kb / 11P
   20V, 1A, Rail-to-Rail Operational Amplifier
More results

Similar Description - RT9146ZQWA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
   Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20081 ONSEMI-NCS20081_16 Datasheet
754Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
ADL Embedded Solutions
ALD1712A ADL-ALD1712A Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com