Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9146ZQW Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9146ZQW
Description  Rail-to-Rail Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9146ZQW Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9146ZQW Datasheet HTML 4Page - Richtek Technology Corporation RT9146ZQW Datasheet HTML 5Page - Richtek Technology Corporation RT9146ZQW Datasheet HTML 6Page - Richtek Technology Corporation RT9146ZQW Datasheet HTML 7Page - Richtek Technology Corporation RT9146ZQW Datasheet HTML 8Page - Richtek Technology Corporation RT9146ZQW Datasheet HTML 9Page - Richtek Technology Corporation RT9146ZQW Datasheet HTML 10Page - Richtek Technology Corporation RT9146ZQW Datasheet HTML 11Page - Richtek Technology Corporation RT9146ZQW Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
RT9146/7
9
DS9146/7-03 May 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Layout Consideration
PCB layout is very important for designing power converter
circuits. The following layout guidelines should be strictly
followed for best performance of the RT9146/7.
Place the power components as close to the IC as
possible. The traces should be wide and short,
especially for the high current loop.
A series resistance may be needed at the output for
some applications.
Connect a 0.1
μF capacitor from VINx+ to ground and
place it as close to the IC as possible for better
performance.
The exposed pad of the chip should be connected to a
large PCB plane for maximum thermal consideration.


Similar Part No. - RT9146ZQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146 Datasheet
142Kb / 11P
   20V, 1A, Rail-to-Rail Operational Amplifier
More results

Similar Description - RT9146ZQW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
   Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20081 ONSEMI-NCS20081_16 Datasheet
754Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
ADL Embedded Solutions
ALD1712A ADL-ALD1712A Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com