Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RS2505M Datasheet(PDF) 1 Page - Shunye Enterprise

Part No. RS2505M
Description  25A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHUNYE [Shunye Enterprise]
Homepage  http://www.shunyegroup.com.cn/
Logo 

RS2505M Datasheet(HTML) 1 Page - Shunye Enterprise

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
FEATURES
* Low leakage
* Low forward voltage
* Mounting position: Any
* Surge overload rating: 300 amperes peak
* Ideal for printed cikcuit boakds
* High forward surge current capability
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RS2501M THRU RS2507M
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
RS-25M
2001-5
-
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ,TSTG
VRMS
Volts
Volts
Amps
25
300
-55 to + 150
0 C
UNITS
Maximum Average Forward Rectified Output Current at Tc = 100
oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
50
200
400
100
600
800
1000
Volts
Amps
RS2501M
RS2503M RS2504M
RS2502M
RS2505M RS2506M RS2507M
with heatsink
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
0.2
mAmps
uAmps
Maximum Reverse Current at Rated
Maximum Forward Voltage Drop per element at 12.5A DC
Volts
@TA = 25
oC
@TC = 100
oC
10
RS2501M
RS2503M RS2504M
RS2502M
RS2505M RS2506M RS2507M
.189 (4.8)
.173 (4.4)
.150 (3.8)
.134 (3.4)
.114 (2.9)
.098 (2.5)
.031 (0.8)
.023 (0.6)
.303 (7.7)
.287 7.3
.303 (7.7)
.402 (10.2)
.043 (1.1)
.106 (2.7)
1.169 (29.7)
1.193 (30.3)
.096 (2.3)
.094 (2.4)
.078 (2.0)
.035 (0.9)
.287 7.3
.386 9.8
MECHANICAL DATA
GBJ25005 - GBJ2510
25A GLASS PASSIVATED BRIDGE RECTIFIER
25A GLASS PASSIVATED BRIDGE RECTIFIER
www.shunyegroup.com.cn


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn