Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF38 Datasheet(PDF) 3 Page - Formosa MS

Part # SF38
Description  Axial Leaded Super Fast Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF38 Datasheet(HTML) 3 Page - Formosa MS

  SF38 Datasheet HTML 1Page - Formosa MS SF38 Datasheet HTML 2Page - Formosa MS SF38 Datasheet HTML 3Page - Formosa MS SF38 Datasheet HTML 4Page - Formosa MS SF38 Datasheet HTML 5Page - Formosa MS SF38 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
Rating and characteristic curves (SF31 THRU SF38)
FIG.4-TYPICAL REVERSE
FIG.1- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT
FIG.6-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
0.5
1.0
1.5
2.0
2.5
3.0
175
150
125
100
75
50
25
0
(+)
(+)
25Vdc
(approx.)
( )
( )
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
DERATING CURVE
25
0
50
75
100
125
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE,(°C)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.5-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Document ID
Issued Date
Revised Date
Revision
Page.
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
DS-222408
2008/02/10
2012/04/05
D
6


Similar Part No. - SF38

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SF38 YFWDIODE-SF38 Datasheet
90Kb / 3P
   3.0 Amp Super Fast Rectifier 50 to 600 Volts
logo
Mospec Semiconductor
SF38 MOSPEC-SF38 Datasheet
131Kb / 2P
   POWER RECTIFIERS(3.0A,500-1000V)
logo
Guangdong Juxing Electr...
SF38 JUXING-SF38 Datasheet
707Kb / 2P
   Superfast Recovery Rectitiers
logo
Chongqing Pingwei Enter...
SF38 CHONGQING-SF38 Datasheet
40Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
logo
Rugao Dachang Electroni...
SF38 DACHANG-SF38 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
More results

Similar Description - SF38

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF11G FORMOSA-SF11G Datasheet
144Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF61G FORMOSA-SF61G Datasheet
122Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF21G FORMOSA-SF21G Datasheet
104Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF51G FORMOSA-SF51G Datasheet
122Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF21 FORMOSA-SF21_17 Datasheet
152Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF51 FORMOSA-SF51_17 Datasheet
119Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF11 FORMOSA-SF11_17 Datasheet
138Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF31G FORMOSA-SF31G Datasheet
88Kb / 6P
   Axial Leaded Super Fast Rectifiers
logo
SUNMATE electronic Co.,...
31DF4 SUNMATE-31DF4 Datasheet
162Kb / 2P
   3.0A Axial Leaded Super- Fast Rectifiers
31DF1 SUNMATE-31DF1 Datasheet
117Kb / 2P
   3.0A Axial Leaded Super Fast Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com