Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR604 Datasheet(PDF) 5 Page - Formosa MS

Part # FR604
Description  Axial Leaded Fast Recovery Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FR604 Datasheet(HTML) 5 Page - Formosa MS

  FR604 Datasheet HTML 1Page - Formosa MS FR604 Datasheet HTML 2Page - Formosa MS FR604 Datasheet HTML 3Page - Formosa MS FR604 Datasheet HTML 4Page - Formosa MS FR604 Datasheet HTML 5Page - Formosa MS FR604 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
BULK PACKING
P600
250
305 * 73 * 40
347 * 320 * 271
6,000
14.5
DEVICE
CASE
TYPE
Q'TY 1
(PCS / BOX)
INNER
BOX SIZE
CARTON
SIZE
Q'TY 2
(PCS / CARTON)
APPROX.
CROSS
WEIGHT(kg)
(m/m)
(m/m)
FR601 THRU FR607
Document ID
Issued Date
Revised Date
Revision
Page.
Suggested thermal profiles for soldering processes
1.Lead free temperature profile wave-soldering
0
20
40
60
80
100 120 140 160 180 200 220 240
Time(Sec)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Preheat
Max gradient 2ºC/s
Peak
Max well
time 5 Max
Cool Down
Max gradient-4ºC/s
Suggested gradient 2ºC/s or
less
-
Peak soldering temperature not
to exceed 260ºC
DS-222223
2009/02/10
2010/03/10
C
6
Axial Leaded Fast Recovery Rectifiers


Similar Part No. - FR604

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR604 WTE-FR604 Datasheet
51Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
FR604 MCC-FR604 Datasheet
271Kb / 4P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
FR604 TSC-FR604 Datasheet
261Kb / 2P
   6.0 AMPS. Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
FR604 CHONGQING-FR604 Datasheet
178Kb / 1P
   6.0AMPS. FAST RECOVERY RECTIFIERS
logo
RFE international
FR604 RFE-FR604 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
More results

Similar Description - FR604

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FR201G FORMOSA-FR201G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR201 FORMOSA-FR201_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR301 FORMOSA-FR301_17 Datasheet
95Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR301G FORMOSA-FR301G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
1N4933G FORMOSA-1N4933G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR101 FORMOSA-FR101_17 Datasheet
99Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
1N4933 FORMOSA-1N4933_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR151 FORMOSA-FR151_17 Datasheet
101Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR101G FORMOSA-FR101G_17 Datasheet
107Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR151G FORMOSA-FR151G_17 Datasheet
106Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com