Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S30B-3011GB Datasheet(PDF) 4 Page - SICK AG

Part # S30B-3011GB
Description  SAFETY LASER SCANNERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

S30B-3011GB Datasheet(HTML) 4 Page - SICK AG

  S30B-3011GB Datasheet HTML 1Page - SICK AG S30B-3011GB Datasheet HTML 2Page - SICK AG S30B-3011GB Datasheet HTML 3Page - SICK AG S30B-3011GB Datasheet HTML 4Page - SICK AG S30B-3011GB Datasheet HTML 5Page - SICK AG S30B-3011GB Datasheet HTML 6Page - SICK AG S30B-3011GB Datasheet HTML 7Page - SICK AG S30B-3011GB Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S30B-3011GB | S300 Expert
SAFETY LASER SCANNERS
Integration via EFI gateways CANopen, Ethernet, PROFIBUS DP, PROFIBUS PROFIsafe, PROFINET PROFIsafe 7)
1) Freely programmable, e.g., external device monitoring input, reset input, contamination warning, reset required.
2) Availability depends on the configuration of the universal I/Os.
3) 2+1; additional input is only available if reset and reset required are not being used.
4) In combination with an EFI device (Flexi Soft or EFI gateway) five static control inputs are available. Otherwise three.
5) Two of the static swichting signals can be used either as dynamic or as static switching signals.
6) Freely programmable, e.g. warning field, contamination, reset required.
7) For a suitable EFI-gateway see modules and gateways in the accessory section of connection systems.
Electrical data
Protection class
III (EN 50178, EN 60950)
Supply voltage Vs
24 V DC (16.8 V DC ... 30 V DC)
Power consumption
≤ 0.33 A 1)
≤ 1.7 A 2)
Outputs
Safety outputs (OSSD) 2 x 250 mA
Diagnostic outputs 3 x 100 mA 3)
1) At 24 V DC without output load.
2) At 24 V DC including maximum output load.
3) Freely programmable, e.g. warning field, contamination, reset required.
Mechanical data
Dimensions (W x H x D)
102 mm x 152 mm x 106 mm
Weight
1.2 kg
Housing material
Aluminum die cast
Housing color
RAL 1021 (yellow)
Optics cover material
Polycarbonat
Optics cover surface finish
Outside with scratch-resistant coating
Ambient data
Enclosure rating
IP65 (EN 60529)
Ambient operating temperature
–10 °C ... +50 °C
Storage temperature
–25 °C ... +50 °C
Vibration resistance
5 g, 10 Hz ... 150 Hz (IEC 61496-1, IEC 61496-3)
Shock resistance
10 g, 16 ms (IEC 61496-1, IEC 61496-3)
Other information
Type of light
Pulsed laser diode
Wave length
905 nm
Detectable remission
1.8 % ... > 1,000 %, reflectors
Laser class
1 (21 CFR 1040.10 and 1040.11, IEC 60825-1)
4
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-05-23 16:45:04
Subject to change without notice


Similar Part No. - S30B-3011GB

ManufacturerPart #DatasheetDescription
logo
SICK AG
S30B-3011BA SICK-S30B-3011BA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
S30B-3011DA SICK-S30B-3011DA Datasheet
1Mb / 9P
   SAFETY LASER SCANNERS
More results

Similar Description - S30B-3011GB

ManufacturerPart #DatasheetDescription
logo
SICK AG
S30A-7011DA SICK-S30A-7011DA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
S30A-7011GB SICK-S30A-7011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
S30A-7111CL SICK-S30A-7111CL Datasheet
1Mb / 7P
   SAFETY LASER SCANNERS
S30B-2011DA SICK-S30B-2011DA Datasheet
1Mb / 9P
   SAFETY LASER SCANNERS
S30A-6011GB SICK-S30A-6011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
S30A-7011BA SICK-S30A-7011BA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
MICS3-AAAZ40AZ1P01 SICK-MICS3-AAAZ40AZ1P01 Datasheet
907Kb / 7P
   SAFETY LASER SCANNERS
MICS3-AAAZ55AZ1P01 SICK-MICS3-AAAZ55AZ1P01 Datasheet
907Kb / 7P
   SAFETY LASER SCANNERS
S30A-6111CP SICK-S30A-6111CP Datasheet
1Mb / 6P
   SAFETY LASER SCANNERS
S30B-2011CA SICK-S30B-2011CA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
S30B-3011BA SICK-S30B-3011BA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com