Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S30B-3011BA Datasheet(PDF) 6 Page - SICK AG

Part # S30B-3011BA
Description  SAFETY LASER SCANNERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

S30B-3011BA Datasheet(HTML) 6 Page - SICK AG

  S30B-3011BA Datasheet HTML 1Page - SICK AG S30B-3011BA Datasheet HTML 2Page - SICK AG S30B-3011BA Datasheet HTML 3Page - SICK AG S30B-3011BA Datasheet HTML 4Page - SICK AG S30B-3011BA Datasheet HTML 5Page - SICK AG S30B-3011BA Datasheet HTML 6Page - SICK AG S30B-3011BA Datasheet HTML 7Page - SICK AG S30B-3011BA Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S30B-3011BA | S300 Standard
SAFETY LASER SCANNERS
Origin of scan plane
Max. 200 (7.87)
74.7 (2.94)
69.7 (2.74)
59.7 (2.35)
54.5 (2.15)
106 (4.17)
126 (4.96)
146 (5.75)
130 (5.12)
73 (2.87)
270°
Connection diagram
S300 Standard with restart interlock and external device monitoring
S1
k1
k2
K1
K2
H8
H3
H2
E112692/00/2014-08-21
1
5
7
8
6
13
15
14
4
3
2
FE
+24 V
S300 Standard
k2
k1
x
x
y
y
z
z
k2
k1
1)
FE
0 V
S300 Standard in conjunction with relays/contactors
Operating mode: with restart interlock and external device monitoring (EDM)
Comments
1) Output circuits: These contacts are to be connected to the controller such that, with the output circuit open, the dangerous state
is disabled. For categories 4 and 3, the integration must be dual-channel (x/y paths). Single-channel integration in the control (z
path) is only possible with a single-channel control and taking the risk analysis into account.
6
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-05-23 16:45:04
Subject to change without notice


Similar Part No. - S30B-3011BA

ManufacturerPart #DatasheetDescription
logo
SICK AG
S30B-3011DA SICK-S30B-3011DA Datasheet
1Mb / 9P
   SAFETY LASER SCANNERS
S30B-3011GB SICK-S30B-3011GB Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
More results

Similar Description - S30B-3011BA

ManufacturerPart #DatasheetDescription
logo
SICK AG
S30A-7011DA SICK-S30A-7011DA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
S30A-7011GB SICK-S30A-7011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
S30A-7111CL SICK-S30A-7111CL Datasheet
1Mb / 7P
   SAFETY LASER SCANNERS
S30B-2011DA SICK-S30B-2011DA Datasheet
1Mb / 9P
   SAFETY LASER SCANNERS
S30A-6011GB SICK-S30A-6011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
S30A-7011BA SICK-S30A-7011BA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
MICS3-AAAZ40AZ1P01 SICK-MICS3-AAAZ40AZ1P01 Datasheet
907Kb / 7P
   SAFETY LASER SCANNERS
MICS3-AAAZ55AZ1P01 SICK-MICS3-AAAZ55AZ1P01 Datasheet
907Kb / 7P
   SAFETY LASER SCANNERS
S30A-6111CP SICK-S30A-6111CP Datasheet
1Mb / 6P
   SAFETY LASER SCANNERS
S30B-2011CA SICK-S30B-2011CA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com