Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S30A-7011GB Datasheet(PDF) 4 Page - SICK AG

Part # S30A-7011GB
Description  SAFETY LASER SCANNERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

S30A-7011GB Datasheet(HTML) 4 Page - SICK AG

  S30A-7011GB Datasheet HTML 1Page - SICK AG S30A-7011GB Datasheet HTML 2Page - SICK AG S30A-7011GB Datasheet HTML 3Page - SICK AG S30A-7011GB Datasheet HTML 4Page - SICK AG S30A-7011GB Datasheet HTML 5Page - SICK AG S30A-7011GB Datasheet HTML 6Page - SICK AG S30A-7011GB Datasheet HTML 7Page - SICK AG S30A-7011GB Datasheet HTML 8Page - SICK AG S30A-7011GB Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S30A-7011GB | S3000 Expert
SAFETY LASER SCANNERS
Other information
Type of light
Pulsed laser diode
Wave length
905 nm
Detectable remission
1.8 % ... > 1,000 %, reflectors
Laser class
1 (21 CFR 1040.10 and 1040.11, IEC 60825-1)
Dimensional drawing (Dimensions in mm (inch))
Area to be kept
clear during
installation of
the scanner
Axis of rotation of motor
147 (5.79)
136.8 (5.39)
M8 x 9
M13.5
23
(0.91)
27.8
(1.09)
65.2 (2.57)
93 (3.66)
160 (6.30)
77.5 (3.05)
155 (6.10)
92.5 (3.64)
155 (6
.10)
31
.7
(1
.2
5)
4
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-05-30 12:10:04
Subject to change without notice


Similar Part No. - S30A-7011GB

ManufacturerPart #DatasheetDescription
logo
SICK AG
S30A-7011BA SICK-S30A-7011BA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
S30A-7011CA SICK-S30A-7011CA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
S30A-7011DA SICK-S30A-7011DA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
S30A-7011EA SICK-S30A-7011EA Datasheet
2Mb / 7P
   SAFETY LASER SCANNERS
More results

Similar Description - S30A-7011GB

ManufacturerPart #DatasheetDescription
logo
SICK AG
S30A-7011DA SICK-S30A-7011DA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
S30A-7111CL SICK-S30A-7111CL Datasheet
1Mb / 7P
   SAFETY LASER SCANNERS
S30B-2011DA SICK-S30B-2011DA Datasheet
1Mb / 9P
   SAFETY LASER SCANNERS
S30A-6011GB SICK-S30A-6011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
S30A-7011BA SICK-S30A-7011BA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
MICS3-AAAZ40AZ1P01 SICK-MICS3-AAAZ40AZ1P01 Datasheet
907Kb / 7P
   SAFETY LASER SCANNERS
MICS3-AAAZ55AZ1P01 SICK-MICS3-AAAZ55AZ1P01 Datasheet
907Kb / 7P
   SAFETY LASER SCANNERS
S30A-6111CP SICK-S30A-6111CP Datasheet
1Mb / 6P
   SAFETY LASER SCANNERS
S30B-2011CA SICK-S30B-2011CA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
S30B-3011BA SICK-S30B-3011BA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com