Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S30A-7011CA Datasheet(PDF) 5 Page - SICK AG

Part # S30A-7011CA
Description  SAFETY LASER SCANNERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

S30A-7011CA Datasheet(HTML) 5 Page - SICK AG

  S30A-7011CA Datasheet HTML 1Page - SICK AG S30A-7011CA Datasheet HTML 2Page - SICK AG S30A-7011CA Datasheet HTML 3Page - SICK AG S30A-7011CA Datasheet HTML 4Page - SICK AG S30A-7011CA Datasheet HTML 5Page - SICK AG S30A-7011CA Datasheet HTML 6Page - SICK AG S30A-7011CA Datasheet HTML 7Page - SICK AG S30A-7011CA Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
S30A-7011CA | S3000 Advanced
SAFETY LASER SCANNERS
Connection diagram
Protective field switching between two S3000 with static inputs
S3000
Advanced
10
12
14
7
9
3
1
5
6
11
13
15
8
4
2
S3000
Advanced
10
12
14
7
9
3
1
5
6
11
13
15
8
4
2
k2
k1
1)
x
x
y
y
z
z
k2
k1
k4
k3
1)
x
x
y
y
z
z
k4
k3
+24 V
0 V
FE
k1
k2
K1
K2
K3
K4
H8
H2
k3
k4
A1
A2
B2
B1
E112708/00/2014-03-06
S3000 Advanced with S3000 Advanced in conjunction with relays/contactors
Operating mode: without restart interlock, with external device monitoring (EDM)
Protective field switching by means of control input A and control input B on separate OSSD pairs (simultaneous monitoring)
Comments
1) Output circuits: These contacts are to be connected to the controller such that, with the output circuit open, the dangerous state
is disabled. For categories 4 and 3, this integration must be dual-channel (x/y paths). Single-channel insertion in the control (z
path) is only possible with a single-channel control and by taking the risk analysis into account.
S3000 Advanced in conjunction with relays/contactors
Operating mode: with restart interlock and external device monitoring (EDM)
Protective field switching by means of control inputs A and B
Comments
1) Output circuits: These contacts are to be connected to the controller such that, with the output circuit open, the dangerous state
is disabled. For categories 4 and 3, this integration must be dual-channel (x/y paths). Single-channel insertion in the control (z
path) is only possible with a single-channel control and by taking the risk analysis into account.
2017-05-30 12:10:04 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
5


Similar Part No. - S30A-7011CA

ManufacturerPart #DatasheetDescription
logo
SICK AG
S30A-7011BA SICK-S30A-7011BA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
S30A-7011DA SICK-S30A-7011DA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
S30A-7011EA SICK-S30A-7011EA Datasheet
2Mb / 7P
   SAFETY LASER SCANNERS
S30A-7011GB SICK-S30A-7011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
More results

Similar Description - S30A-7011CA

ManufacturerPart #DatasheetDescription
logo
SICK AG
S30A-7011DA SICK-S30A-7011DA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
S30A-7011GB SICK-S30A-7011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
S30A-7111CL SICK-S30A-7111CL Datasheet
1Mb / 7P
   SAFETY LASER SCANNERS
S30B-2011DA SICK-S30B-2011DA Datasheet
1Mb / 9P
   SAFETY LASER SCANNERS
S30A-6011GB SICK-S30A-6011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
S30A-7011BA SICK-S30A-7011BA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
MICS3-AAAZ40AZ1P01 SICK-MICS3-AAAZ40AZ1P01 Datasheet
907Kb / 7P
   SAFETY LASER SCANNERS
MICS3-AAAZ55AZ1P01 SICK-MICS3-AAAZ55AZ1P01 Datasheet
907Kb / 7P
   SAFETY LASER SCANNERS
S30A-6111CP SICK-S30A-6111CP Datasheet
1Mb / 6P
   SAFETY LASER SCANNERS
S30B-2011CA SICK-S30B-2011CA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
S30B-3011BA SICK-S30B-3011BA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com