Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC17550EL Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPC17550EL
Description  Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC17550EL Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MPC17550EL Datasheet HTML 3Page - Motorola, Inc MPC17550EL Datasheet HTML 4Page - Motorola, Inc MPC17550EL Datasheet HTML 5Page - Motorola, Inc MPC17550EL Datasheet HTML 6Page - Motorola, Inc MPC17550EL Datasheet HTML 7Page - Motorola, Inc MPC17550EL Datasheet HTML 8Page - Motorola, Inc MPC17550EL Datasheet HTML 9Page - Motorola, Inc MPC17550EL Datasheet HTML 10Page - Motorola, Inc MPC17550EL Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
17550
ELECTRICAL CONNECTIONS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions TA = 25°C, VDD = 3.0 V, VM = 2.5 V, GND = 0 V, fIN = 176 kHz unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
INPUT
Pulse Input Frequency (14)
fIN
200
kHz
Internal Oscillator Frequency
fOSC
100
200
kHz
OUTPUT
Gate Driver Circuit Power Supply Wake-Up Time
tVGON
10
20
ms
Propagation Delay Time
Turn-ON Time
Turn-OFF Time
tPLH
tPHL
0.2
0.2
1.0
1.0
µs
Notes
14.
fIN is the signal frequency applied to an input terminal (F, R).


Similar Part No. - MPC17550EL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17550EV FREESCALE-MPC17550EV Datasheet
389Kb / 15P
   Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
MPC17550EVEL FREESCALE-MPC17550EVEL Datasheet
389Kb / 15P
   Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
More results

Similar Description - MPC17550EL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
17550 FREESCALE-17550 Datasheet
389Kb / 15P
   Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
logo
New Japan Radio
NJW4814 NJRC-NJW4814 Datasheet
389Kb / 16P
   Dual H-Bridge Driver with Boost Converter
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
   Piezo and LED Driver with Synchronous Boost DC/DC Converter
logo
NXP Semiconductors
MPC17559 NXP-MPC17559 Datasheet
178Kb / 2P
   Micromotor Driver with Dual 3-Phase and Dual H-Bridge Outputs
Rev. 2.0
logo
Freescale Semiconductor...
17559 FREESCALE-17559 Datasheet
911Kb / 19P
   Micromotor Driver with Dual 3-Phase and Dual H-Bridge Outputs
logo
National Semiconductor ...
LP3931 NSC-LP3931 Datasheet
399Kb / 17P
   Dual RGB LED Driver with High Current Boost DC-DC Converter
logo
STMicroelectronics
TD340 STMICROELECTRONICS-TD340 Datasheet
158Kb / 21P
   H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
ON Semiconductor
LV56351JA ONSEMI-LV56351JA Datasheet
212Kb / 8P
   1ch DC/DC boost converter
August, 2013
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com