Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC17550EV Datasheet(PDF) 9 Page - Motorola, Inc

Part # MPC17550EV
Description  Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC17550EV Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MPC17550EV Datasheet HTML 5Page - Motorola, Inc MPC17550EV Datasheet HTML 6Page - Motorola, Inc MPC17550EV Datasheet HTML 7Page - Motorola, Inc MPC17550EV Datasheet HTML 8Page - Motorola, Inc MPC17550EV Datasheet HTML 9Page - Motorola, Inc MPC17550EV Datasheet HTML 10Page - Motorola, Inc MPC17550EV Datasheet HTML 11Page - Motorola, Inc MPC17550EV Datasheet HTML 12Page - Motorola, Inc MPC17550EV Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
17550
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 17550 is a monolithic quad H-Bridge ideal for portable
electronic applications containing multiple bipolar stepper
motors and/or brush DC motors. The device features an on-
board DC/DC converter to provide gate-drive voltages, as
well as level-shifting circuitry. The control logic translates the
input signals to the gate-driver circuitry while providing cross-
conduction suppression.
The 17550 has four operating modes: Forward, Reverse,
Brake, and Tri-Stated (High Impedance). The MOSFETs
comprising the output bridge have a total source+sink
RDS(ON) ≤ 1.2 Ω.
The 17550 can simultaneously drive four brush DC motors
or two bipolar stepper motors. The drivers are designed to be
PWM’ed at frequencies up to 200 kHz.
FUNCTIONAL TERMINAL DESCRIPTION
LOGIC SUPPLY (VDD)
The VDD terminal carries the logic supply voltage and
current into the logic sections of the IC. VDD has an
undervoltage threshold. If the supply voltage drops below the
undervoltage threshold, the output power stage switches to a
tri-state condition. When the supply voltage returns to a level
that is above the threshold, the power stage automatically
resumes normal operation according to the established
condition of the input control terminals.
CONTROL SIGNAL INPUT FOR H-BRIDGE,
F=FORWARD, R= REVERSE (INAF, INAR, INBF,
INBR, INCF, INCR, INDF, INDR)
These logic input control terminals control each H-Bridge
output; e.g., IN*F logic HIGH = HB*F HIGH; likewise, IN*R
logic HIGH = HB*R HIGH. However, if both “F” and “R” inputs
are taken HIGH, the associated bridge’s outputs are both tri-
stated (refer to Table 5, Truth Table, page 8).
OUTPUT ENABLE (OE)
OE
terminal is a LOW = TRUE enable input. When
OE
= HIGH, all H-Bridge outputs are tri-stated (high
impedance) regardless of logic inputs states.
OUTPUT OF H-BRIDGE, R=REVERSE,
F=FORWARD (HBAF, HBAR, HBBF, HBBR, HBCF,
HBCR, HBDF, HBDR)
These terminals provide connection to the outputs of each
of the internal H-Bridges (see Figure 2, 17550 Simplified
Internal Block Diagram, page 2).
POWER SUPPLY VOLTAGE CONNECTION FOR
MOTORS A, B, C, D (VMA, VMB, VMC, VMD)
The VM terminals carry the main supply voltage and
current into the power sections of the 17550. This supply then
becomes controlled and/or modulated by the 17550 as it
delivers the power to the loads attached between the
H-Bridge output terminals. All VM terminals must be
connected together on the printed circuit board.
DC/ DC CONVERTER SWITCHING TRANSISTOR
OUTPUT (LX)
The LX terminal is the open-drain output of the internal
DC/DC converter circuit. It is the junction for the external
inductor and the anode of the external Schottky diode.
GATE-DRIVER CIRCUIT POWER SUPPLY (VG)
The VG terminal is the input terminal for the gate-drive
voltage. It can be supplied from the built-in DC/DC converter
or from an external source.
GROUND TERMINALS (GND, AGND, PGND)
All ground terminals must be tied together on the PCB.
POWER STANDBY MODE CONTROL (PSB)
The PSB input controls the functioning of power output
stages (the H-Bridges). When this input signal turns Low, the
output stages and Internal DC/DC Converter which makes
Gate Voltage are disabled and all the outputs are opened
(High Impedance). When this input signal turns High, the
output stages and Internal DC/DC Converter are enabled and
the H-Bridges operate normally.


Similar Part No. - MPC17550EV

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17550EV FREESCALE-MPC17550EV Datasheet
389Kb / 15P
   Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
MPC17550EVEL FREESCALE-MPC17550EVEL Datasheet
389Kb / 15P
   Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
More results

Similar Description - MPC17550EV

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
17550 FREESCALE-17550 Datasheet
389Kb / 15P
   Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
logo
New Japan Radio
NJW4814 NJRC-NJW4814 Datasheet
389Kb / 16P
   Dual H-Bridge Driver with Boost Converter
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
   Piezo and LED Driver with Synchronous Boost DC/DC Converter
logo
NXP Semiconductors
MPC17559 NXP-MPC17559 Datasheet
178Kb / 2P
   Micromotor Driver with Dual 3-Phase and Dual H-Bridge Outputs
Rev. 2.0
logo
Freescale Semiconductor...
17559 FREESCALE-17559 Datasheet
911Kb / 19P
   Micromotor Driver with Dual 3-Phase and Dual H-Bridge Outputs
logo
National Semiconductor ...
LP3931 NSC-LP3931 Datasheet
399Kb / 17P
   Dual RGB LED Driver with High Current Boost DC-DC Converter
logo
STMicroelectronics
TD340 STMICROELECTRONICS-TD340 Datasheet
158Kb / 21P
   H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
ON Semiconductor
LV56351JA ONSEMI-LV56351JA Datasheet
212Kb / 8P
   1ch DC/DC boost converter
August, 2013
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com