Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MPC17550 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MPC17550
Description  Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MPC17550 Datasheet(HTML) 1 Page - Motorola, Inc

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Document Number: MPC17550
Rev. 2.0, 7/2006
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Quad H-Bridge Micromotor
Driver with DC/DC Boost
Converter
The 17550 is a monolithic quad H-Bridge power IC ideal for portable
electronic applications containing tiny bipolar stepper motors and/or
brush DC-motors powered by two-to-four cell NiCd/NiMH batteries.
The 17550 operates from 2.5 V to 5.5 V, with independent control of
each H-Bridge via parallel 3.0 V or 5.0 V logic-compatible I/O. The
device features an on-board DC/DC boost converter that allows motor
operation all the way down to 1.6 V (the boost converter supplies the
gate-drive voltage for each of the four independent H-bridge output
stages). Each output bridge has its own gate-drive and logic circuitry
with built-in shoot-through current protection.
The 17550 has four operating modes: Forward, Reverse, Brake,
and Tri-Stated (High Impedance). The 17550 has a low total RDS(ON)
of 1.2
Ω max @ 25°C. In addition, it can be set into a very low current-
drain standby mode.
The H-Bridge outputs can be independently PWM’ed at up to
200 kHz for speed/torque and current control. The 17550 can
efficiently drive many types of micromotors owing to its low output
resistance and high output slew rates.
Features
•Low Total RDS(ON) 0.7 Ω (Typ), 1.2 Ω (Max) @ 25°C
• Output Current 700 mA (Continuous per Output)
• Shoot-Through Current Protection Circuit
• PWM Control Input Frequency up to 200 kHz
• Built-In DC/DC Boost Converter
• Low Power Consumption Standby Mode
• Undervoltage Detection and Shutdown Circuit
• Pb-Free Packaging Designated by Suffix Code EV
Figure 1. 17550 Simplified Application Diagram
H-BRIDGE MOTOR DRIVER
EV SUFFIX (Pb-FREE)
98ASA10591D
36-TERMINAL VMFP
17550
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MPC17550EV/EL
-10°C to 60°C
36 VMFP
VDD
VM
VDD
INDR
INDF
HBDR
HBDF
INCR
INCF
HBCR
HBCF
INBR
INBF
INAR
INAF
HBAR
HBAF
HBBR
HBBF
PSB
VG
LX
VM
GND
MCU
OE
17550


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn