Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MPC17550 Datasheet(PDF) 5 Page - Motorola, Inc

Part No. MPC17550
Description  Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MPC17550 Datasheet(HTML) 5 Page - Motorola, Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
17550
ELECTRICAL CONNECTIONS
MAXIMUM RATINGS
ELECTRICAL CONNECTIONS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding the ratings may cause a malfunction or permanent
damage to the device.
Rating
Symbol
Value
Unit
Motor Supply Voltage
VM
-0.5 to 9.0
V
Gate-Driver Circuit Power Supply Voltage
VG
VDD -0.5 to 14
V
Logic Supply Voltage
VDD
-0.5 to 6.0
V
Signal Input Voltage (1)
VIN
-0.5 to VDD +0.5
V
Driver Output Current
Continuous (2)
Peak (3)
IO
IOPK
0.7
2.0
A
ESD Voltage (4)
Human Body Model
Machine Model
VESD1
VESD2
±2000
±100
V
Storage Temperature Range
TSTG
-65 to 150
°C
Operating Ambient Temperature
TA
-10 to 60
°C
Operating Junction Temperature
TJ
-10 to 150
°C
Thermal Resistance (5)
RθJA
TBD
°C/W
Power Dissipation (6)
PD
1500
mW
Soldering Temperature (7)
TSOLDER
260
°C
Notes
1.
VIN is the voltage level applied to any input terminal.
2.
IO is measured as the load current flowing through the H-bridge.
3.
TA = 25°C, pulse width < 10 ms at intervals > 0.2 seconds.
4.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), ESD2 testing is performed in
accordance with the Machine Model (CZAP = 200 pF, RZAP = 0
Ω).
5.
Mounted on 37 x 50 Cu area (1.6 mm FR-4 PCB).
6.
Maximum at TA = 25°C.
7.
Soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn