Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV10200D Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # LV10200D
Description  Schottky Barrier Diode in a TO-252 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

LV10200D Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  LV10200D Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. LV10200D Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. LV10200D Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. LV10200D Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. LV10200D Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. LV10200D Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LV10200D
Rev.F May.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
Peak Reverse Voltage
VRRM
VRWM
VRM
200
V
RMS Reverse Voltage
VR(RMS)
140
V
Average Rectified Forward Current
IF(AV)
10
A
Non Repetitive Peak Surge Current
IFSM
150
A
Junction Temperature Range
Tj MAX
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Reverse Voltage
VBR
IR=0.3mA
200
V
Forward Voltage
VF
IF=2A
TJ=25℃
0.68
0.75
V
IF=2A
TJ=125℃
0.53
0.58
V
IF=10A
TJ=25℃
0.87
0.95
V
IF=10A
TJ=125℃
0.70
0.75
V
Instantaneous Reverse Current
IR
Note 1
VR=200V
TJ=25℃
4
20
uA
VR=150V
TJ=125℃
1.9
5
mA
VR=200V
TJ=125℃
3.5
10
mA
注/Notes:
1. 使用极短的测试时间,以尽量减少自热效应/Short duration pulse test used to minimize self-heating
effect.
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - LV10200D

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
LV10200FCT FOSHAN-LV10200FCT Datasheet
814Kb / 6P
   Schottky Barrier Diode in a TO-220F Plastic Package
More results

Similar Description - LV10200D

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
LV5S45D FOSHAN-LV5S45D Datasheet
699Kb / 6P
   Schottky Barrier Diode in a TO-252 Plastic Package
MBRD1045 FOSHAN-MBRD1045 Datasheet
965Kb / 6P
   Schottky Barrier Diode in a TO-252 Plastic Package
LV10T150D FOSHAN-LV10T150D Datasheet
670Kb / 6P
   Schottky Barrier Diode in a TO-252 Plastic Package
LV10S45D FOSHAN-LV10S45D Datasheet
763Kb / 6P
   Schottky Barrier Diode in a TO-252 Plastic Package
LV15200D FOSHAN-LV15200D Datasheet
844Kb / 6P
   Schottky Barrier Diode in a TO-252 Plastic Package
LV10100DCT FOSHAN-LV10100DCT Datasheet
721Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
MBRD10150CT FOSHAN-MBRD10150CT Datasheet
672Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
LV20100DCT FOSHAN-LV20100DCT Datasheet
742Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
MBRD10200CT FOSHAN-MBRD10200CT Datasheet
696Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
MBRD5100 FOSHAN-MBRD5100 Datasheet
861Kb / 6P
   Schottky diode in a TO-252 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com