Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MNLM711AM-X Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. MNLM711AM-X
Description  DUAL HIGH SPEED DIFFERENTIAL COMPARATOR
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo NSC - National Semiconductor (TI)

MNLM711AM-X Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MNLM711AM-X Datasheet HTML 1Page - National Semiconductor (TI) MNLM711AM-X Datasheet HTML 2Page - National Semiconductor (TI) MNLM711AM-X Datasheet HTML 3Page - National Semiconductor (TI) MNLM711AM-X Datasheet HTML 4Page - National Semiconductor (TI) MNLM711AM-X Datasheet HTML 5Page - National Semiconductor (TI) MNLM711AM-X Datasheet HTML 6Page - National Semiconductor (TI) MNLM711AM-X Datasheet HTML 7Page - National Semiconductor (TI) MNLM711AM-X Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MNLM711AM-X REV 1A0
MILITARY DATA SHEET
Electrical Characteristics
DC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vcc+ = 12V,
Vcc- = -6V
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vio
Input Offset
Voltage
Vcc- = -7V, Rs = 200 Ohms, Vcm = +5V
1
-5
5
mV
1
1
-6
6
mV
2, 3
Vcc- = -7V, Rs = 200 Ohms, Vcm = -5V
1
-5
5
mV
1
1
-6
6
mV
2, 3
Vcm = 0V, Rs = 200 Ohms
1
-3.5
3.5
mV
1
1
-4.5
4.5
mV
2, 3
Vcm = 0V, Rs = 50 Ohms
1
-3.5
3.5
mV
1
1
-4.5
4.5
mV
2, 3
Iio
Input Offset
Current
Vcm = 0V
1
10
uA
1
1
20
uA
2, 3
Iib
Input Bias
Current
Vout = Vol, Vcm = 0V
75
uA
1
150
uA
2, 3
Avs
Voltage Gain
750
V
1
500
V
2, 3
Voh
Positive Output
Level
Vin = 10mV, Io = 0mA
2.5
5
V
1, 2,
3
Vin = 10mV, Io = 5mA
2.5
5
V
1, 2,
3
Vol
Negative Output
Level
Vin = -10mV, Io = 0mA
-1
0
V
1, 2,
3
OD Vol
Over Driven
Negative Output
Level
Vin = 5V, Io = 0mA
-1
0
V
1, 2,
3
Isink
Output Sink
Current
Vin = -10mV, Vo = 0V
0.5
mA
1
0.12
mA
2
0.25
mA
3
Icc+
Power Supply
Current
Vin = -5mV, Vout = Gnd
2
13.3
mA
1, 2,
3
Icc-
Power Supply
Current
Vin = -5mV, Vout = Gnd
2
-6.1
mA
1, 2,
3
Istrobe
Strobe Current
Vin = 10mV, Vst = 100mV
2.5
mA
1, 2,
3
Vo(ST)
Strobed Output
Vst = .3V
-1
0
V
1, 2,
3
CMRR
Common Mode
Rejection Ratio
Vcc- = -7V, Vcm = +5V, Rs = 200 Ohms
80
dB
1, 2,
3
4


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE919DIntegrated Circuit High Speed Dual Comparator 1 2 3 NTE Electronics
MDLM119-XHIGH SPEED DUAL COMPARATOR 1 2 3 4 5 MoreNational Semiconductor (TI)
DS36C200Dual High Speed Bi-Directional Differential Transceiver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS9638RS-422 Dual High Speed Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
STCCP27A1.8V/2.8V High speed dual differential line receivers Compact camera port decoder I2C control line 1 2 3 4 5 MoreSTMicroelectronics
DS90LV027LVDS Dual High Speed Differential Driver 1 2 3 4 National Semiconductor (TI)
DS90LV027ALVDS Dual High Speed Differential Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
LM119High Speed Dual Comparator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM160High Speed Differential Comparator 1 2 3 4 5 MoreNational Semiconductor (TI)
TA8517FHIGH SPEED DUAL COMPARATOR 1 2 3 4 Toshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn