Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1531 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1531
Description  Integrated Circuit Voltage Regulator for Electronic Tuning System
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1531 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1531 Datasheet HTML 1Page - NTE Electronics NTE1531 Datasheet HTML 2Page - NTE Electronics NTE1531 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Operational Characteristics (Cont’d): (TA = +25°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VDD Voltage
VDD(5)
VCLK = +B2 = 16V, IDD = 18mA, Iref
= 10mA, Vref = 8V,
TA = –20° to +70°C, +B1 opened.
Vref–0.3
10
V
Radio Back–Up
Signal Voltage
VBUC
+B1 = +B2 = 9.15 to 16V, Vref = 8V 0.78VDD
VDD
V
Clock Back–Up
Signal Voltage
VINHI
+B1 = +B2 = 9.15 to 16V, Vref = 8V 0.78VDD
VDD
V
Radio Back–Up Signal
Rise Voltage
VTH BUC UP +B1 = +B2, Vref = 8V, Iref = 10mA
8.9
9.3
V
Radio Back–Up Signal
Hysteresis
VTH BUC DN +B1 = +B2, Vref = 8V, Iref = 10mA
50
200
mV
BUC Delay Time
at +B Step Input
tD
+B1 = +B2 = 13.2V,
C = 22
µF, R = 22k ohm
85
400
ms
Current Dissipation
ICC(1)
+B1 = +B2 = 13.2V,
IDD = 30mA, Iref = 10mA
70
mA
ICC(2)
+B2 = 13.2V, no load, +B1 opened.
0.63
1.4
mA
Vref Thermal Drift
|∆Vref|
TA = –10 to +60°C,
Vref = 8V (25°C)
–60
0
60
mV
Logic Table:
B1
B2
CLK
VDD
Vref
BUC
INHI
Condition
L
H
L
5V
0V
L
L
When back–up of time
H
H
L
9V
8V
H
H
radio on
L
H
H
9V
8V
L
H
read out time when radio off
H
H
H
9V
8V
H
H
read out time when radio on
NOTE: This device is for REPLACEMENT ONLY! No application notes are available.
Block Diagram
Control LSI
Control Signal
Generator
Counter IC
Control Signal
Generator
Logic
Circuit
Comparator
VDD Generator
for Back–Up
Time
Delay
VDD
Generator
Vref
Generator
Reference
Voltage
Generator
Comparator
14
13
12
14
2
3
10
N.C.
Vref
VDD
C2
V1
Det
C3
C1
GND
B2
CLK
B1
INHI
BUC
98
511
6
7


Similar Part No. - NTE1531

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE153 NTE-NTE153 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier, Switch
NTE1530 NTE-NTE1530 Datasheet
83Kb / 3P
   Integrated Circuit Audio Power Amp w/ALC, 450mW
NTE1533 NTE-NTE1533 Datasheet
81Kb / 4P
   Integrated Circuit AM Tuner for Car Radio
NTE1534 NTE-NTE1534 Datasheet
20Kb / 2P
   Integrated Circuit CMOS, Phase Lock Loop (PLL) Frequency Synthesizer for AM/FM Radio
NTE1535 NTE-NTE1535 Datasheet
20Kb / 2P
   Integrated Circuit TV Sync. Horizontal/Vertical OSC
More results

Similar Description - NTE1531

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1149 NTE-NTE1149 Datasheet
77Kb / 2P
   Integrated Circuit FM Tuning System
logo
Rohm
BA6161N ROHM-BA6161N Datasheet
81Kb / 5P
   Switching regulator for electronic tuning
logo
NTE Electronics
NTE1608 NTE-NTE1608 Datasheet
24Kb / 3P
   Integrated Circuit AM Tuner w/Electronic Tuning
NTE7019 NTE-NTE7019 Datasheet
26Kb / 3P
   Integrated Circuit Digital Tuning System Interface for TV Systems
NTE15042 NTE-NTE15042 Datasheet
23Kb / 3P
   Integrated Circuit Digital Tuning System Interface for TV Systems
NTE615P NTE-NTE615P Datasheet
16Kb / 1P
   Integrated Circuit Voltage Stabilizer for Electronic Tuner
NTE7004 NTE-NTE7004 Datasheet
29Kb / 4P
   Integrated Circuit Electronic Channel Select System Control
NTE1836 NTE-NTE1836 Datasheet
29Kb / 4P
   Integrated Circuit Electronic Channel Select System Control
logo
KEC(Korea Electronics)
KIA2057N KEC-KIA2057N Datasheet
170Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AM/FM IF MPX FOR DIGITAL TUNING SYSTEM)
logo
NEC
UPC1215V NEC-UPC1215V Datasheet
894Kb / 10P
   ELECTRONIC TUNING AM RADIO RECEIVER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com