Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C410C104M5U5TA7200 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C410C104M5U5TA7200
Description  Ceramic, AxiMax, 0.1 uF, 20%, 50 V, Z5U, AxiMax, Commercial Standard
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C410C104M5U5TA7200 Datasheet(HTML) 1 Page - Kemet Corporation

  C410C104M5U5TA7200 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/23/2017 - 7d0616eb-9b36-4e33-88ad-c03368f08599
KEMET Part Number: C410C104M5U5TA7200
Ceramic, AxiMax, 0.1 uF, 20%, 50 V, Z5U, AxiMax, Commercial Standard
Dimensions
D
2.31mm MAX
L
4.32mm MAX
LL
25.4mm +0.025/-0.076mm
F
0.51mm +0.025/-0.076mm
Packaging Specifications
Packaging: T&R, 305mm
Packaging Quantity: 5000
General Information
Series: AxiMax
Description: AxiMax, Commercial Standard
RoHS: Yes
Termination: Tin
Failure Rate: N/A
Halogen Free: Yes
Specifications
Capacitance: 0.1 uF
Capacitance Tolerance: 20%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: +10/+85C
Temperature Coefficient: Z5U
Dissipation Factor: 4% 25C
Aging Rate: 7% Loss/Decade Hour
Insulation Resistance: 1 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C410C104M5U5TA7200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C104M5U5TA KEMET-C410C104M5U5TA Datasheet
59Kb / 1P
   AxiMax 400 Comm Z5U, Ceramic, 0.1 uF, 20%, 50 VDC, Z5U, AxiMax, Commercial Standard
More results

Similar Description - C410C104M5U5TA7200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C104Z5U5TA KEMET-C410C104Z5U5TA Datasheet
58Kb / 1P
   Ceramic, AxiMax, 0.1 uF, -20/80%, 50 V, Z5U, AxiMax, Commercial Standard
C440C105M5U5TA KEMET-C440C105M5U5TA Datasheet
58Kb / 1P
   Ceramic, AxiMax, 1 uF, 20%, 50 V, Z5U, AxiMax, Commercial Standard
C410C104M5U5TA KEMET-C410C104M5U5TA Datasheet
59Kb / 1P
   AxiMax 400 Comm Z5U, Ceramic, 0.1 uF, 20%, 50 VDC, Z5U, AxiMax, Commercial Standard
C410C103M5U5TA KEMET-C410C103M5U5TA Datasheet
59Kb / 1P
   Ceramic, AxiMax, 0.01 uF, 20%, 50 V, Z5U, AxiMax, Commercial Standard
C412C334M5U5TA7200 KEMET-C412C334M5U5TA7200 Datasheet
67Kb / 1P
   Ceramic, AxiMax, 0.33 uF, 20%, 50 V, Z5U, AxiMax, Commercial Standard
C410C224M5U5TA7200 KEMET-C410C224M5U5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 0.22 uF, 20%, 50 V, Z5U, AxiMax, Commercial Standard
C410C473M5U5TA KEMET-C410C473M5U5TA Datasheet
59Kb / 1P
   AxiMax 400 Comm Z5U, Ceramic, 0.047 uF, 20%, 50 V, Z5U, AxiMax, Commercial Standard
C410C224M5U5TA KEMET-C410C224M5U5TA Datasheet
58Kb / 1P
   AxiMax 400 Comm Z5U, Ceramic, 0.22 uF, 20%, 50 V, Z5U, AxiMax, Commercial Standard
C410C103M1U5TA7200 KEMET-C410C103M1U5TA7200 Datasheet
67Kb / 1P
   Ceramic, AxiMax, 0.01 uF, 20%, 100 V, Z5U, AxiMax, Commercial Standard
C440C105M5U5TA7200 KEMET-C440C105M5U5TA7200 Datasheet
65Kb / 1P
   AxiMax 400 Comm Z5U, Ceramic, 1 uF, 20%, 50 VDC, Z5U, AxiMax, Commercial Standard
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com