Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZJZZV270RAK Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EZJZZV270RAK
Description  Multilayer Varistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZZV270RAK Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EZJZZV270RAK Datasheet HTML 1Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 2Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 3Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 4Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 5Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 6Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 7Page - Panasonic Semiconductor EZJZZV270RAK Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Varistors
3.7
3
5
12
24
40
6.7
5.6
11
13
16
26
30
40
Circuit voltage DC (V)
Wide variety of products is available by adopting
multilayer construction, which achieved wide
range of usage, such as application to DC
voltage lines and signal lines.
Circuit voltage
Multilayer Varistor, Low Voltage Type (Standard Type)
[DC voltage lines/Low speed signal lines]
Mobile phone
SW, LCD, LED, Audio terminal,
Battery pack, Memory card, External IF
DSC, DVC
SW, LCD, LED, USB
PC, PDA
SW, LCD, LED, USB
TV, DVD
Audio, Video terminal
Audio
Audio terminal, Microphone, Receiver
Game console
Controller, External IF
Varistor voltage : 6.8 to 65 V [at 1 mA]
Capacitance : 8.5 to 420 pF typ. [at 1 MHz]
Size
Part No.
Maximum
allowable
voltage
DC (V)
Nominal
varistor
voltage
at 1mA (V)
Capacitance (pF)
Maximum
peak current
at 8/20µs, 2times
(A)
Maximum ESD
IEC61000-4-2
at 1MHz
at 1kHz
0201
EZJPZV6R8JA
3.7
6.8
220 max. [180 typ.]
175 typ.
5
Contact discharge
8 kV
EZJPZV6R8GA
3.7
6.8
100 max. [ 85 typ.]
100 typ.
5
EZJPZV080GA
5.6
8
100 max. [ 85 typ.]
100 typ.
5
EZJPZV120GA
7.5
12
100 max. [ 85 typ.]
100 typ.
5
EZJPZV120DA
7.5
12
27 max. [ 22 typ.]
33 typ.
1
EZJPZV120RA
7.5
12
20 max. [ 15 typ.]
18 typ.
1
EZJPZV150RA
9
15
20 max. [ 15 typ.]
18 typ.
1
EZJPZV270RA
16
27
20 max. [ 15 typ.]
16.5 typ.
1
EZJPZV270BA
16
27
10 max. [8.5 typ.]
10 typ.
1
0402
EZJP0V6R8MA
3.7
6.8
680 max. [420 typ.]
650 typ.
20
EZJP0V6R8GA
3.7
6.8
100 max. [ 85 typ.]
100 typ.
3
EZJP0V080MA
5.6
8
680 max. [420 typ.]
650 typ.
20
EZJP0V080KA
5.6
8
330 max. [290 typ.]
480 typ.
15
EZJP0V080GA
5.6
8
100 max. [ 65 typ.]
100 typ.
3
EZJP0V080DA
5.6
8
27 max. [ 22 typ.]
33 typ.
1
EZJP0V120JA
6.7
12
220 max. [150 typ.]
175 typ.
10
EZJZ0V180HA
11
18
150 max. [120 typ.]
140 typ.
10
EZJZ0V220HA
13
22
150 max. [100 typ.]
116 typ.
10
EZJP0V270EA
16
27
47 max. [ 33 typ.]
37 typ.
4
EZJP0V270RA
16
27
20 max. [ 15 typ.]
16.5 typ.
1
EZJZ0V420WA
30
42
56 max. [ 40 typ.]
45 typ.
10
EZJZ0V650DA
40
65
27 max. [ 22 typ.]
33 typ.
5
0603
EZJP1V120KA
6.7
12
330 max. [250 typ.]
290 typ.
20
EZJZ1V180JA
11
18
220 max. [180 typ.]
210 typ.
20
EZJZ1V220JA
13
22
220 max. [160 typ.]
185 typ.
20
EZJZ1V270GA
16
27
100 max. [ 85 typ.]
100 typ.
20
EZJZ1V270EA
16
27
47 max. [ 33 typ.]
37 typ.
20
EZJZ1V270RA
16
27
20 max. [ 15 typ.]
16.5 typ.
3
EZJZ1V330GA
26
33
100 max. [ 85 typ.]
100 typ.
20
EZJZ1V420FA
30
42
68 max. [ 55 typ.]
63 typ.
15
EZJZ1V650DA
40
65
27 max. [ 22 typ.]
33 typ.
5
Operating Temperature Range: –40 to 85 °C
Maximum Allowable Voltage Maximum DC Voltage that can be applied continuously within the operating temperature range
Varistor Voltage
Varistor starting voltage between terminals at DC 1 mA, also known as Breakdown voltage
Maximum Peak Current
Maximum current that can be withstood under the standard pulse 8/20 µs, 2 times based
Maximum ESD
Maximum voltage that can be withstood under ESD based on IEC61000-4-2, 10 times
(5 times of each positive-negative polarity)
✽ Recommend soldering method : Reflow soldering
Features
Recommended Applications
Ratings and Characteristics
Feb. 2017
05


Similar Part No. - EZJZZV270RAK

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZJZZV270RAK PANASONIC-EZJZZV270RAK Datasheet
172Kb / 8P
   Multilayer Varistor for ESD pulse
More results

Similar Description - EZJZZV270RAK

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZSV270EAK PANASONIC-EZJZSV270EAK Datasheet
592Kb / 7P
   Multilayer Varistors
logo
UN Semiconducctor INC
ESD0402-0603 UNSEMI-ESD0402-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN1206-XXXH UNSEMI-UN1206-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0201-0603 UNSEMI-UN0201-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
ESD0402M-0603M UNSEMI-ESD0402M-0603M Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN3220-XXXH UNSEMI-UN3220-XXXH Datasheet
4Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0402E-0603E UNSEMI-UN0402E-0603E Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0805-XXXH UNSEMI-UN0805-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com