Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV10100CT Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # LV10100CT
Description  Schottky Barrier Diode in a TO-220 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

LV10100CT Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  LV10100CT Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. LV10100CT Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. LV10100CT Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. LV10100CT Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. LV10100CT Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. LV10100CT Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LV10100CT
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM,
VRSM
VDC
100
V
RMS Reverse Voltage
VRMS
70
V
Average forward rectified current
IF(AV)
2×5
A
Non Repetitive Peak Surge Current
IFSM
80
A
Thermal Resistance Junction to Case
RθJc
2.8
/W
Junction and Storage Temperature Range
Tj Tstg
-40~+150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Breakdown Reverse Voltage
VBR
IR=1mA(Ta=25 )
100
V
Forward Voltage
VF
IF =3A(Ta=25 )
0.59
V
IF =5A(Ta=25 )
0.69
0.75
V
IF =3A(Ta=125 )
0.53
V
IF =5A(Ta=125 )
0.61
0.65
V
Instantaneous Reverse Current
IR
Note 1
VR=100V(Ta=25 )
5.0
50
μA
VR=100V(Ta=125 )
3.0
10
mA

注/Notes:
1.
使用极短的测试时间,以尽量减少自热效应。/Short duration pulse test used to minimize self-heating
effect.
2.
除非特别注明,数值为一个芯片的参数。/ Unless otherwise noted, values for the parameters of a
single chip
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - LV10100CT

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
LV10100DCT FOSHAN-LV10100DCT Datasheet
721Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
LV10100E FOSHAN-LV10100E Datasheet
676Kb / 6P
   TO-277 Plastic package Schottky diode
LV10100FCT FOSHAN-LV10100FCT Datasheet
814Kb / 6P
   Schottky Diode in a TO-220F Plastic Package
More results

Similar Description - LV10100CT

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
LV10150CT FOSHAN-LV10150CT Datasheet
1Mb / 6P
   Schottky Barrier Diode in a TO-220 Plastic Package
LV30200CT FOSHAN-LV30200CT Datasheet
845Kb / 6P
   Schottky Barrier Diode in a TO-220 Plastic Package
LV40150CT FOSHAN-LV40150CT Datasheet
896Kb / 6P
   Schottky Barrier Diode in a TO-220 Plastic Package
MBR20100CT FOSHAN-MBR20100CT Datasheet
293Kb / 2P
   Schottky Barrier Diode in a TO-220 Plastic Package
MBR20150CT FOSHAN-MBR20150CT Datasheet
4Mb / 7P
   Schottky Barrier Diode in a TO-220 Plastic Package
LV20100CT FOSHAN-LV20100CT Datasheet
849Kb / 6P
   Schottky Barrier Diode in a TO-220 Plastic Package
LV20150CT FOSHAN-LV20150CT Datasheet
874Kb / 6P
   Schottky Barrier Diode in a TO-220 Plastic Package
LV2060CT FOSHAN-LV2060CT Datasheet
842Kb / 6P
   Schottky Barrier Diode in a TO-220 Plastic Package
LV3045CT FOSHAN-LV3045CT Datasheet
866Kb / 6P
   Schottky Barrier Diode in a TO-220 Plastic Package
LV30150CT FOSHAN-LV30150CT Datasheet
852Kb / 6P
   Schottky Barrier Diode in a TO-220 Plastic Package
MBR10H100CT FOSHAN-MBR10H100CT Datasheet
862Kb / 6P
   Schottky Barrier Diode in a TO-220 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com