Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MKT368 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. MKT368
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MKT368 Datasheet(HTML) 5 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 28132
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 10-Sep-03
5
MKT 368
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
Vishay BCcomponents
URdc = 400 V; URac = 220 V
Pitch = 27.5 ±0.4 mm; dt = 0.80 ±0.08 mm
lock lead
1.2
8.0 × 21.0 (23.0) × 30.0
4.1
45125
500
500
90253
600
1.5
9.0 × 22.0 (25.0) × 30.0
4.8
45155
500
500
90254
450
1.8
10.0 × 23.0 (26.0) × 30.0
5.5
45185
500
500
90255
400
2.2
11.0 × 24.0 (27.0) × 30.0
6.2
45225
500
250
90256
350
C
(µF)
DIMENSIONS
wmax × hmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 368 ..... AND PACKAGING
LOOSE IN BOX
REEL
LOOSE IN BOX
lt =
4.0 +1.0/−0.5 mm
short leads
long leads
lt =
4.0 +1.0/−0.5 mm
C-tol = ±10%
C-tol = ±10%
last 5 digits of
catalog number
SPQ
SPQ
SPQ
last 5 digits of
catalog number
SPQ
Pitch = 10.0 ±0.4 mm; dt = 0.60 ±0.06 mm
lock lead
0.001
4.5 × 13.5 (15.5) × 12.5
0.5
55102
2000
1000
1500
90257
1100
0.0012
55122
90258
0.0015
55152
90259
0.0018
55182
90261
0.0022
4.0 × 13.0 (15.5) × 12.5
0.5
55222
2000
1000
1500
90262
1100
0.0027
4.3 × 13.3 (15.5) × 12.5
0.5
55272
2000
1000
1500
90263
1100
0.0033
4.6 × 13.6 (15.5) × 12.5
0.5
55332
2000
1000
1500
90264
1100
0.0039
4.0 × 13.0 (15.5) × 12.5
0.5
55392
2000
1000
1500
90265
1100
0.0047
4.1 × 13.2 (15.5) × 12.5
0.5
55472
2000
1000
1500
90266
1100
0.0056
4.6 × 13.6 (15.5) × 12.5
0.5
55562
2000
1000
1500
90267
1100
0.0068
55682
90268
0.0082
55822
90269
0.01
55103
90271
0.012
4.0 × 13.0 (15.5) × 12.5
0.5
55123
2000
1000
1500
90272
1100
0.015
4.1 × 13.0 (15.5) × 12.5
0.5
55153
2000
1000
1300
90273
1100
0.018
4.4 × 13.0 (15.5) × 12.5
0.5
55183
2000
1000
1500
90274
1100
0.022
4.2 × 12.9 (15.5) × 12.5
0.5
55223
2000
1000
1500
90175
1100
0.027
4.2 × 13.2 (15.5) × 12.5
0.5
55273
2000
1000
1300
90275
1100
0.033
4.6 × 13.7 (15.5) × 12.5
0.5
55333
2000
1000
1300
90188
1100
Pitch = 15.0 ±0.4 mm; dt = 0.80 ±0.08 mm
lock lead
0.039
5.0 × 13.9 (16.5) × 17.5
0.6
55393
2000
1000
1200
90276
2000
0.047
5.4 × 14.5 (17.0) × 17.5
0.7
55473
2000
1000
1200
90277
1750
0.056
5.0 × 13.7 (16.5) × 17.5
0.6
55563
2000
1000
1200
90278
2000
0.068
5.0 × 13.5 (16.5) × 17.5
0.6
55683
2000
1000
1200
90279
2000
0.082
4.8 × 14.0 (16.5) × 17.5
0.6
55823
2000
1000
1100
90281
2000
0.1
5.3 × 14.5 (17.5) × 17.5
0.7
55104
2000
1000
1000
90186
1500
0.12
5.7 × 15.0 (18.0) × 17.5
0.9
55124
1000
1000
900
90282
1500
0.15
6.4 × 15.5 (18.5) × 17.5
1.0
55154
1000
1000
800
90187
1250
C
(µF)
DIMENSIONS
wmax × hmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 368 ..... AND PACKAGING
LOOSE IN BOX
REEL
LOOSE IN BOX
lt =
4.0 +1.0/−0.5 mm
short leads
long leads
lt =
4.0 +1.0/−0.5 mm
C-tol = ±10%
C-tol = ±10%
last 5 digits of
catalog number
SPQ
SPQ
SPQ
last 5 digits of
catalog number
SPQ


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn