Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP379 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. MKP379
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP379 Datasheet(HTML) 4 Page - Vishay Siliconix

  MKP379 Datasheet HTML 1Page - Vishay Siliconix MKP379 Datasheet HTML 2Page - Vishay Siliconix MKP379 Datasheet HTML 3Page - Vishay Siliconix MKP379 Datasheet HTML 4Page - Vishay Siliconix MKP379 Datasheet HTML 5Page - Vishay Siliconix MKP379 Datasheet HTML 6Page - Vishay Siliconix MKP379 Datasheet HTML 7Page - Vishay Siliconix MKP379 Datasheet HTML 8Page - Vishay Siliconix MKP379 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28135
4
Revision: 10-Sep-03
MKP 379
Vishay BCcomponents
AC and Pulse Metallized Polypropylene
Film Capacitors MKP Radial Potted Type
URdc = 160 V; URac = 100 V; Up-p = 280 V
C
(µF)
DIMENSIONS
w × h × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 379 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 4.0 +1.0/−0.5 mm(1)
C-tol = ±5%
last 5 digits of
catalog number
SPQ
SPQ
Pitch = 10.0 ±0.4 mm; dt = 0.60 ±0.06 mm
0.075
4.0 × 10.0 × 12.5
0.6
34753
1000
1400
0.082
34823
0.091
34913
0.1
34104
0.11
5.0 × 11.0 × 12.5
0.85
34114
1000
1100
0.12
34124
0.13
34134
0.15
34154
0.16
6.0 × 12.0 × 12.5
1.0
34164
1000
900
Pitch = 15.0 ±0.4 mm; dt = 0.80 ±0.08 mm
0.18
5.0 × 11.0 × 17.5
1.2
34184
1000
1100
0.2
34204
0.22
34224
0.24
34244
0.27
34274
0.3
6.0 × 12.0 × 17.5
1.4
34304
1000
900
0.33
34334
0.36
34364
0.39
34394
0.43
7.0 × 13.5 × 17.5
1.9
34434
1000
800
0.47
34474
0.51
34514
0.56
8.5 × 15.0 × 17.5
2.6
34564
1000
650
0.62
34624
0.68
34684
0.75
34754
Pitch = 22.5 ±0.4 mm; dt = 0.80 ±0.08 mm
0.82
7.0 × 16.5 × 26.0
3.2
34824
200
550
0.91
34914
1
8.5 × 18.0 × 26.0
4.4
34105
200
450
1.1
34115
1.2
34125
1.3
34135
1.5
10.0 × 19.5 × 26.0
5.5
34155
200
350
1.6
34165
1.8
34185
Pitch = 27.5 ±0.4 mm; dt = 0.80 ±0.08 mm
2
11.0 × 21.0 × 31.0
7.8
34205
100
2.2
34225
2.4
34245
2.7
13.0 × 23.0 × 31.0
10.4
34275
100
3
34305
3.3
34335


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn