Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP379 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. MKP379
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MKP379 Datasheet(HTML) 3 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 28135
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 10-Sep-03
3
MKP 379
AC and Pulse Metallized Polypropylene
Film Capacitors MKP Radial Potted Type
Vishay BCcomponents
SPECIFIC REFERENCE DATA (160 VDC)
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
C ≤ 0.075 µF
≤5 × 10−4
≤20 × 10−4
0.075 µF < C ≤ 0.11 µF
≤5 × 10−4
≤25 × 10−4
0.11 µF < C ≤ 0.16 µF
≤10 × 10−4
≤30 × 10−4
0.18 µF < C ≤ 0.3 µF
≤10 × 10−4
≤35 × 10−4
0.3 µF < C ≤ 0.39 µF
≤10 × 10−4
≤40 × 10−4
0.39 µF < C ≤ 0.56 µF
≤10 × 10−4
≤45 × 10−4
0.56 µF < C ≤ 0.68 µF
≤10 × 10−4
≤50 × 10−4
0.68 µF < C ≤ 0.82 µF
≤10 × 10−4
≤55 × 10−4
0.82 µF < C ≤ 0.91 µF
≤10 × 10−4
≤60 × 10−4
0.91 µF < C ≤ 1.0 µF
≤10 × 10−4
≤65 × 10−4
1.0 µF < C ≤ 1.2 µF
≤10 × 10−4
≤70 × 10−4
1.2 µF < C ≤ 1.3 µF
≤10 × 10−4
≤75 × 10−4
1.3 µF < C ≤ 1.5 µF
≤10 × 10−4
≤80 × 10−4
1.5 µF < C ≤ 1.6 µF
≤10 × 10−4
≤85 × 10−4
1.6 µF < C ≤ 1.8 µF
≤10 × 10−4
≤90 × 10−4
1.8 µF < C ≤ 2.0 µF
≤10 × 10−4
≤95 × 10−4
2.0 µF < C ≤ 2.2 µF
≤10 × 10−4
≤100 × 10−4
2.2 µF < C ≤ 2.4 µF
≤15 × 10−4
≤105 × 10−4
2.4 µF < C ≤ 2.7 µF
≤15 × 10−4
≤110 × 10−4
2.7 µF < C ≤ 3.0 µF
≤15 × 10−4
≤115 × 10−4
3.0 µF < C ≤ 3.3 µF
≤15 × 10−4
≤125 × 10−4
3.3 µF < C ≤ 3.6 µF
≤15 × 10−4
≤130 × 10−4
3.6 µF < C ≤ 3.9 µF
≤15 × 10−4
≤135 × 10−4
3.9 µF < C ≤ 4.3 µF
≤15 × 10−4
≤145 × 10−4
4.3 µF < C ≤ 4.7 µF
≤20 × 10−4
≤155 × 10−4
4.7 µF < C ≤ 5.1 µF
≤20 × 10−4
≤160 × 10−4
5.1 µF < C ≤ 5.6 µF
≤20 × 10−4
≤175 × 10−4
5.6 µF < C ≤ 6.2 µF
≤20 × 10−4
≤185 × 10−4
Rated voltage pulse slope (dU/dt)R:
l = 12.5 mm
60 V/µs
l = 17.5 mm
50 V/µs
l = 26.0 mm
25 V/µs
l = 31.0 mm
15 V/µs (b < 15 mm)
l = 31.0 mm
7.5 V/µs (b ≥ 15 mm)
R between leads for C ≤ 1.0 µF at 100 V; 1 minute
>100000 MΩ
RC between leads, for C >1 µF at 100 V; 1 minute
>100000 s
R between interconnected leads and case; 100 V; 1 minute
>100000 MΩ
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
256 V; 1 minute
Withstanding (DC)voltage between leads and case
2840 V; 1 minute


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn