Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP379 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. MKP379
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP379 Datasheet(HTML) 2 Page - Vishay Siliconix

  MKP379 Datasheet HTML 1Page - Vishay Siliconix MKP379 Datasheet HTML 2Page - Vishay Siliconix MKP379 Datasheet HTML 3Page - Vishay Siliconix MKP379 Datasheet HTML 4Page - Vishay Siliconix MKP379 Datasheet HTML 5Page - Vishay Siliconix MKP379 Datasheet HTML 6Page - Vishay Siliconix MKP379 Datasheet HTML 7Page - Vishay Siliconix MKP379 Datasheet HTML 8Page - Vishay Siliconix MKP379 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28135
2
Revision: 10-Sep-03
MKP 379
Vishay BCcomponents
AC and Pulse Metallized Polypropylene
Film Capacitors MKP Radial Potted Type
COMPOSITION OF CATALOG NUMBER
TYPE
PACKAGING
LEAD CONFIGURATION
PREFERRED TYPES
C-TOL
160 V
250 V
400 V
630 V
379
loose in box
lead length 4.0 +1/−0.5 mm or 3.5 ±0.3 mm
±5%
34
44
54
64
ON REQUEST
379
taped on reel
H = 18.5 mm; P0 = 12.7 mm;
reel diameter 500 mm
±5%
35
45
55
65
2222
379
XX XX X
TYPE AND PITCHES
379
10.0 mm
15.0 mm
22.5 mm
27.5 mm
MULTIPLIER
(nF)
1
3
10
4
100
5
CAPACITANCE
(numerically)
Example:
104 = 10 x 10 = 100 nF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn