Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP379 Datasheet(PDF) 11 Page - Vishay Siliconix

Part No. MKP379
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MKP379 Datasheet(HTML) 11 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Document Number: 28135
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 10-Sep-03
11
MKP 379
AC and Pulse Metallized Polypropylene
Film Capacitors MKP Radial Potted Type
Vishay BCcomponents
Note
1. URac = 250 V/Up-p = 700 V for C > 0.11 µF.
2. lt = 4.0 +1/-0.5 mm for pitch = 10 mm and 3.5 ±0.3 mm for pitch = 15 mm; 22.5 mm and 27.5 mm.
Pitch = 27.5 ±0.4 mm; dt = 0.80 ±0.08 mm
0.33
11.0 × 21.0 × 31.0
7.8
64334
100
0.36
64364
0.39
64394
0.43
64434
0.47
13.0 × 23.0 × 31.0
10.4
64474
100
0.51
64514
0.56
64564
0.62
15.0 × 25.0 × 31.0
12.8
64624
100
0.68
64684
0.75
64754
0.82
18.0 × 28.0 × 31.0
17.2
64824
100
0.91
64914
1
64105
C
(µF)
DIMENSIONS
w × h × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 379 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 4.0 +1.0/−0.5 mm(2)
C-tol = ±5%
last 5 digits of
catalog number
SPQ
SPQ
CAPACITANCE
IMPEDANCE
-40
2
-2
0
0
40
80
Tamb (°C)
1 kHz
3.3 µF
1.0 µF
100 nF
10 nF
10
2
10
0
f (Hz)
10
6
10
4
10
5
10
7
10
8
10
-1
10
-3
10
-2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn