Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP379 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. MKP379
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MKP379 Datasheet(HTML) 1 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Document Number: 28135
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 10-Sep-03
1
AC and Pulse Metallized Polypropylene
Film Capacitors MKP Radial Potted Type
MKP 379
Vishay BCcomponents
APPLICATIONS
Low losses due to low contact resistance and low loss
dielectric make these products suitable for applications
where high currents at high frequency occur or high stability
is preferred. Their small dimensions make them ideal for
circuits with high packaging density
MARKING
C-value; tolerance; rated voltage; manufacturer’s type
designation; code for dielectric material; manufacturer’s
emblem; code for factory of origin; year and week of
manufacture
DIELECTRIC
Polypropylene film
ELECTRODES
Metallized film
ENCAPSULATION
Flame retardant plastic case and epoxy resin
(UL-class 94 V-0)
CONSTRUCTION
Wound mono construction
LEADS
Tinned wire
CAPACITANCE RANGE (E24 SERIES)
0.01 to 6.2 µF
CAPACITANCE TOLERANCE
±5%; ±3.5%
RATED (DC) VOLTAGE
160 V; 250 V; 400 V; 630 V
RATED (AC) VOLTAGE
100 V; 160 V; 200 V; 220 V
RATED PEAK-TO-PEAK VOLTAGE
280 V; 450 V; 560 V; 620 V
CLIMATIC CATEGORY
55/085/56
RATED TEMPERATURE
85 °C
MAXIMUM APPLICATION TEMPERATURE
85 °C
REFERENCE SPECIFICATIONS
IEC 60384-17
PERFORMANCE GRADE
Grade 1 (long life)
STABILITY GRADE
100 V, 160 V versions: grade 2
250 V to 630 V versions; pitch 5 to 15 mm: grade 2
250 V to 630 V versions; pitch 22.5 and 27.5 mm: grade 1
FEATURES
10 to 27.5 mm pitch. Supplied loose in box and taped on reel
DETAIL SPECIFICATION
For more detailed data and test requirements see “Type
detail specification HQN-384-17/103”
168x12(halfpage)
168x12(halfpage)
l
w
h
lt
Ødt
P±0.4
Dimensions in mm.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn