Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP379 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. MKP379
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MKP379 Datasheet(HTML) 6 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28135
6
Revision: 10-Sep-03
MKP 379
Vishay BCcomponents
AC and Pulse Metallized Polypropylene
Film Capacitors MKP Radial Potted Type
URdc = 250 V; URac = 160 V; Up-p = 450 V
C
(µF)
DIMENSIONS
w × h × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 379 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 4.0 +1.0/−0.5 mm(1)
C-tol = ±5%
last 5 digits of
catalog number
SPQ
SPQ
Pitch = 10.0 ±0.4 mm; dt = 0.60 ±0.06 mm
0.047
4.0 × 10.0 × 12.5
0.6
44473
1000
1400
0.051
44513
0.056
44563
0.062
44623
0.068
44683
0.075
5.0 × 11.0 × 12.5
0.85
44753
1000
1100
0.082
44823
0.091
44913
Pitch = 15.0 ±0.4 mm; dt = 0.80 ±0.08 mm
0.1
5.0 × 11.0 × 17.5
1.2
44104
1000
1100
0.11
44114
0.12
44124
0.13
44134
0.15
44154
0.16
44164
0.18
6.0 × 12.0 × 17.5
1.4
44184
1000
900
0.2
44204
0.22
44224
0.24
44244
0.27
7.0 × 13.5 × 17.5
1.9
44274
1000
800
0.3
44304
0.33
44334
0.36
8.5 × 15.0 × 17.5
2.6
44364
1000
650
0.39
44394
0.43
44434
0.47
44474
Pitch = 22.5 ±0.4 mm; dt = 0.80 ±0.08 mm
0.51
7.0 × 16.5 × 26.0
3.2
44514
200
550
0.56
44564
0.62
44624
0.68
8.5 × 18.0 × 26.0
4.4
44684
200
450
0.75
44754
0.82
44824
0.91
44914
1
10.0 × 19.5 × 26.0
5.5
44105
200
350
1.1
44115
1.2
44125
Pitch = 27.5 ±0.4 mm; dt = 0.80 ±0.08 mm
1.3
11.0 × 21.0 × 31.0
7.8
44135
100
1.5
44155
1.6
44165
1.8
13.0 × 23.0 × 31.0
10.4
44185
100
2
44205
2.2
44225


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn