Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TA4558 Datasheet(PDF) 3 Page - First Components International

Part No. TA4558
Description  Dual Operational Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FCI [First Components International]
Homepage  http://www.cotra.com.tw/
Logo 

TA4558 Datasheet(HTML) 3 Page - First Components International

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
TYPICAL PERFORMANCE CHARACTERISTICS
10
10
2
10
3
6
10
Power Bandwith( Large Signal )
Frequency (Hz)
10
4
10
5
0
4.0
8.0
12.0
16.0
20.0
24.0
28.0
32.0
Positive output voltage swing vs Load
resistance
10
2
10
4
10
5
10
3
1.0
3.0
5.0
9.0
11.0
13.0
15.0
7.0
Load resistance (
Ω )
0
20
40
60
80
100
120
140
Spectral Noise Density
Frequency (Hz)
10
100
10
5
10
3
10
4
10
6
Gv=10
Rs=100k
10
10
2
10
3
6
10
10
-1
1
10
Output Noise vs Rs
Rs (
Ω)
10
4
10
5
10
-2
Gv=1000
Gv=100
Gv=10
Gv=1
10
10
2
10
3
6
10
Burst Noise vs Rs
Rs (
Ω)
10
4
10
5
1
10
10
2
10
3
BW=1.0Hz To 1.0KHz
10
10
2
10
2
6
10
RMS Noise vs Rs
Rs (
Ω)
10
4
10
5
0.1
1
10
10
3
0
20
40
60
80
100
120
140
Open loop frequency
response
Frequency (Hz)
-20
10
100
10
5
10
3
10
4
10
6
1
10
7
10
100
10
5
10
3
10
4
10
6
1
10
7
Frequency (Hz)
PHASE MARGIN vs
FREQUENCY
0
20
40
60
80
100
120
140
160
180


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn