Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TA4558 Datasheet(PDF) 2 Page - First Components International

Part No. TA4558
Description  Dual Operational Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FCI [First Components International]
Homepage  http://www.cotra.com.tw/
Logo 

TA4558 Datasheet(HTML) 2 Page - First Components International

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
ORDERING INFOR
Device
Operating
Temperature Range
Package
T
A = 0°C to +70°C
PDIP-8
T
A = 0°C to +70°C
SOP-8
MATION
TA4558
TA4558
MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
Vcc
± 22
V
Differential Input Voltage
VI(DIFF)
18
V
Input Voltage
VI
± 15
V
Power Dissipation
Operating Temperature
TOPR
0 ~ +70
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Vcc=15.0V,VEE= -15V,TA=25
°C, unless otherwise specified)
±
P-DIP 8
SOP 8
PD
600
400
mW
PARAMETER
SYMBOL
TEST CONDUCTION
MIN
TYP
MAX
UNIT
Supply Current, all Amp, no load
Icc
2.3
4.5
mA
Input offset voltage
VIO
Rs<10k
2
6
mV
Input offset current
IIO
5
200
nA
Input bias current
IBIAS
30
500
nA
Large signal voltage gain
Gv
Vo(p-p)= ±10V,R L
≤ 2kΩ
20
200
V/mV
Common Mode Input Voltage
Range
VI(R)
±
12
±
13
V
Common Mode Rejection Ratio
CMRR
Rs
≤ 10kΩ
70
90
dB
Supply Voltage Rejection Ratio
PSRR
Rs
≤10kΩ
76
90
dB
Output Voltage swing
Vo(p-p)
RL
≥10kΩ
±
12
±
14
V
Power Consumption
Pc
70
170
mW
Slew Rate
SR
Vi= ± 10V,RL
≥ 2kΩ,
CL
≤100pF
1.2
2.2
V/
µs
Rise Time
TRIS
Vi= ± 20mV,RL
≥ 2kΩ,
CL
≤100pF
0.3
µs
Overshoot
OS
Vi= ± 20mV,RL
≥ 2kΩ,
CL
≤100pF
15
%
Input Resistance
Ri
0.3
2
M
Output Resistance
Ro
75
Total Harmonic Distortion
THD
f=1kHz,Av=20dB, RL=2k
Ω,
Vo=2Vpp, CL=100pF
0.008
%
Channel Separation
Vo1/Vo2
120
dB
FREQUENCY CHARACTERISTICS( Ta=25
°C ,Vcc=15V,Vee=-15V)
PARAMETER
SYMBOL
TEST CONDUCTION
MIN
TYP
MAX
UNIT
Unity Gain Bandwidth
BW
2.0
2.8
MHz


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn