Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCR150-6H Datasheet(PDF) 1 Page - First Components International

Part # FCR150-6H
Description  1.5 Amp Silicon Controlled Recifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FCR150-6H Datasheet(HTML) 1 Page - First Components International

  FCR150-6H Datasheet HTML 1Page - First Components International FCR150-6H Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Repetitive Peak Off-State Voltage and
Repetitive Peak Reverse Voltage (1)
VDRM
&
VRRM
FCR150-6/8PA
400/600
VOLT
RMS On-State Current at Ta=57℃ and Conduction
Angle of 180º
IT(RMS)
1.5
AMP
Peak Surge (Non-Repetitive)On-State Current,
½ Cycle ,at 50Hz or 60Hz
ITSM
15
AMP
Peak Gate-Trigger Current for 3µ sec , Max
IGTM
1.0
AMP
Peak Gate-Power Dissipation at IGT≦IGTM
PGM
0.1
WATT
Average Gate-Power Dissipation
PG(AV)
0.01
WATT
Peak gate reverse voltage
VRGM
6
V
Peak Off-State Current, (1)Ta=25℃
VDRM & VRRM=Max. Rating Ta=125℃
IDRM &
IRRM
10
100
µA
MAX
Maximum On-State Voltage. (Peak)
At Tc=25℃ and IT =Rated Amps
VTM
1.7
VOLT
MAX
DC Holding Current,(1)
IHO
5
mA
MAX
Critical Rate-Of-Rise of off-State Voltage.(1)
Gate Open,Ta=110℃
Critical
dv/dt
35
V/µ sec
DC Gate –Trigger Current for Anode Voltage=7VDC,
RL=100Ω
IGT
150
µA
MAX
DC Gate –Trigger Voltage for Anode Voltage=7VDC,
RL=100Ω
VGT
0.8
VOLT
MAX
Gate-Controlled Turn-on Time tD+tR IGT=10mA
Tgt
2.2
µ sec
Thermal Resistance , Junction-to-Case
RθJ-C
75
/WATT
TYP
Storage Temperature range
Tstg
-40 to + 150
Operating Temperature Range , Tj
Toper
-40 to + 110
MAXIMUMRATINGSANDELECTRICALCHARACTERISTICS(Ta=25C)
Feature:
Driven directly with IC and MOS device.
Feature proprietary, void-free glass passivate
chips.
Available in voltage ratings from 200 to 600
volts. (VDRM and VRRM)
(1)RGK=1KΩ
Date:2005/07/14
Rev.No 1.
Sensitive gate trigger current.
Designed for high volume, line-powered
control application in relay lamp drivers, small
motor controls, gate drivers for large thyristors.
Description
Mechanical Dimensions
SOT-89
Dimensions in inches
CHARACTERISTICS
SYMBOL
PART NO
DATA
UNIT


Similar Part No. - FCR150-6H

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FCR150-6 FCI-FCR150-6 Datasheet
1Mb / 2P
   1.5 Amp Silicon Controlled Rectifiers
More results

Similar Description - FCR150-6H

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FCR08-6 FCI-FCR08-6 Datasheet
144Kb / 2P
   0.8 Amp Silicon Controlled Recifiers
FCR150-6 FCI-FCR150-6 Datasheet
1Mb / 2P
   1.5 Amp Silicon Controlled Rectifiers
logo
FCI connector
FDR3001 FCI-CONNECTOR-FDR3001 Datasheet
177Kb / 2P
   35 AMP SILICON AUTOMOTIVE DISH RECIFIERS
FDR3002 FCI-CONNECTOR-FDR3002 Datasheet
177Kb / 2P
   35 AMP SILICON AUTOMOTIVE DISH RECIFIERS
logo
Fuji Electric
AW02M FUJI-AW02M Datasheet
91Kb / 1P
   1.5 AMP CONTROLLED AVALANCHE SILICON BRIDGE RECTIFIER
logo
First Components Intern...
FCR150-8 FCI-FCR150-8 Datasheet
242Kb / 2P
   1.5 Amp Silicon Controlled Rectifiers Sensitive gate trigger current.
logo
Formosa MS
1N5391 FORMOSA-1N5391 Datasheet
32Kb / 2P
   1.5 AMP SILICON RECTIFIERS
RL151 FORMOSA-RL151 Datasheet
32Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
Bytes
1N5391 BYTES-1N5391 Datasheet
151Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
1N5391 GWSEMI-1N5391 Datasheet
65Kb / 2P
   1.5 AMP SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com