Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9526GE Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9526GE
Description  Linear Single Cell Li-Ion Battery Charger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9526GE Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9526GE Datasheet HTML 1Page - Richtek Technology Corporation RT9526GE Datasheet HTML 2Page - Richtek Technology Corporation RT9526GE Datasheet HTML 3Page - Richtek Technology Corporation RT9526GE Datasheet HTML 4Page - Richtek Technology Corporation RT9526GE Datasheet HTML 5Page - Richtek Technology Corporation RT9526GE Datasheet HTML 6Page - Richtek Technology Corporation RT9526GE Datasheet HTML 7Page - Richtek Technology Corporation RT9526GE Datasheet HTML 8Page - Richtek Technology Corporation RT9526GE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9526A
®
DS9526A-03 July 2014
www.richtek.com
1
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Linear Single Cell Li-Ion Battery Charger with Input Over
Voltage Protection
General Description
The RT9526A is a fully integrated low cost single cell Li-
ion battery charger ideal for portable applications. The
RT9526A is capable of being powered up from AC adapter
and USB (Universal Serial Bus) port inputs. The RT9526A
enters sleep mode when supplies are removed. The
RT9526A optimizes the charging task by using a control
algorithm including preconditioning mode, fast charge
mode, and constant voltage mode. The charging task will
remain in constant voltage mode to hold the battery in a
full charge condition. The charge current can be
programmed with an external resistor. The internal thermal
feedback circuitry regulates the die temperature to optimize
the charge rate under all ambient temperatures. The
RT9526A features 28V maximum rating voltage for VIN.
Under-voltage protection and over-voltage protection are
provided for the AC adapter supply.
The RT9526A is available in the WDFN-8L 2x3 and
SOT-23-6 package to achieve best solution for PCB space
and total BOM cost saving considerations.
Features
28V Maximum Rating for AC Adapter with Over-
Voltage Protection 7V
Internal Integrated Power FETs
AC Adapter Power Good Status Indicator
Programmed Charging Current
Charge Status Indicator
Programmed End of Charge Current
Under-Voltage Protection
Thermal Feedback Optimizing Charge Rate
RoHS Compliant and Halogen Free
Applications
Cellular Phones
Digital Cameras
PDAs and Smart Phones
Portable Instruments
IMIN
CHG_SB
BATT
ENB
RT9526A
CIN
VIN
Adapter or USB
GND
COUT
RISET
VBATT
PGB
ISET
RIMIN
R1
VBATT
R2
Simplified Application Circuit
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT9526A
Package Type
QW : WDFN-8L 2x3 (W-Type)
E : SOT-23-6
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9526GE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9526GE RICHTEK-RT9526GE Datasheet
257Kb / 14P
   Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
RT9526GE RICHTEK-RT9526GE Datasheet
148Kb / 10P
   Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
More results

Similar Description - RT9526GE

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
   Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
   Linear Single Cell Li-Ion Battery Charger IC
logo
Monolithic Power System...
MP2603 MPS-MP2603 Datasheet
342Kb / 9P
   Single-Cell 150mA Linear Li-Ion Battery Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com