Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9465 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9465
Description  3A Single Cell Li-on Battery Slave Switching Charg
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9465 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9465 Datasheet HTML 4Page - Richtek Technology Corporation RT9465 Datasheet HTML 5Page - Richtek Technology Corporation RT9465 Datasheet HTML 6Page - Richtek Technology Corporation RT9465 Datasheet HTML 7Page - Richtek Technology Corporation RT9465 Datasheet HTML 8Page - Richtek Technology Corporation RT9465 Datasheet HTML 9Page - Richtek Technology Corporation RT9465 Datasheet HTML 10Page - Richtek Technology Corporation RT9465 Datasheet HTML 11Page - Richtek Technology Corporation RT9465 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
RT9465
8
DS9465-00 May 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
CV vs. Temperature
4.10
4.15
4.20
4.25
4.30
4.35
4.40
4.45
4.50
-50
-25
0
25
50
75
100
125
Temperature (°C)
Charging Current vs. VBAT
0.950
0.975
1.000
1.025
1.050
1.075
1.100
1.125
1.150
3.3 3.4
3.5 3.6 3.7 3.8
3.9 4.0 4.1 4.2
4.3 4.4
VBAT (V)
VBUS = 9V
VBUS = 12V
VBUS = 7V
VBUS = 5V
ICC = 1A
CV set = 4.44V
CV set = 4.36V
CV set = 4.2V
Efficiency vs. IOUT
40
50
60
70
80
90
100
0.00.5
1.01.5
2.02.5
3.0
IOUT (A)
Efficiency vs. IOUT
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IOUT (A)
ICC = 0.6A, CV set = 3.8V
ICC = 1A, CV set = 4.2V
VBUS = 5V
VBUS = 9V
VBUS = 12V
VBUS = 5V
VBUS = 9V
VBUS = 12V


Similar Part No. - RT9465

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9460 RICHTEK-RT9460 Datasheet
359Kb / 33P
   Switch-Mode Single Cell Li-Ion Charger
RT9460WSC RICHTEK-RT9460WSC Datasheet
359Kb / 33P
   Switch-Mode Single Cell Li-Ion Charger
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
RT9468GQW RICHTEK-RT9468GQW Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
More results

Similar Description - RT9465

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Monolithic Power System...
MP2617A MPS-MP2617A Datasheet
1Mb / 32P
   3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617 MPS-MP2617 Datasheet
1Mb / 29P
   3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
logo
Texas Instruments
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24266 TI-BQ24266_15 Datasheet
5Mb / 41P
[Old version datasheet]   bq24266 3A, 30V Standalone Single-Input, Single-Cell Switchmode Li-Ion Battery Charger
BQ24261 TI1-BQ24261 Datasheet
6Mb / 46P
[Old version datasheet]   3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
logo
AnaSem Hong Kong Limite...
A7B ANASEM-A7B Datasheet
223Kb / 23P
   Single-cell Li-ion / Li-polymer Battery Protection IC
Rev. E09-06
logo
Shenzhen Huazhimei Semi...
HM5519 HMSEMI-HM5519 Datasheet
1Mb / 6P
   Single-cell Li-ion/Li-polymer battery protection IC
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com