Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE152 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE152
Description  Silicon Complementary Transistors Audio Power Amplifier, Switch
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE152 Datasheet(HTML) 1 Page - NTE Electronics

  NTE152 Datasheet HTML 1Page - NTE Electronics NTE152 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE152 (NPN) & NTE153 (PNP)
Silicon Complementary Transistors
Audio Power Amplifier, Switch
Description:
The NTE152 (NPN) and NTE153 (PNP) are silicon complementary transistors in a standard TO220
type package designed for general purpose medium power switching and amplifier applications.
Features:
D Good Linearity of hFE
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Collector–Base Voltage, VCBO
90V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Voltage, VCEO
90V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
4A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter Current, IE
–4A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Base Current, IB
3A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Power Dissipation (TC = +25°C), PC
40W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. NTE152MP is a matched pair of NTE152 with their DC Current Gain (hFE) matched to within
10% of each other.
Note 2. Matched complementary pairs are available upon request (NTE55MCP). Matched comple-
mentary pairs have their gain specification (hFE) matched to within 10% of each other.
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Collector–Emitter Breakdown Voltage
V(BR)CEO IC = 50mA, IB = 0
90
V
Collector Cutoff Current
ICBO
VCB = 90V, IE = 0
20
µA
Emitter Cutoff Current
IEBO
VEB = 5V, IC = 0
10
µA
DC Current Gain
hFE1
VCE = 5V, IC = 0.5A
40
200
hFE2
VCE = 5V, IC = 3A
15
Collector–Emitter Saturation Voltage
VCE(sat) IC = 3A, IB = 0.3A
1.5
V
Base–Emitter Voltage
VBE
VCE = 5V, IC = 3A
1.5
V
Transition Frequency
fT
VCE = 5V, IC = 0.5A
3
8
MHz
Collector Output Capacitance
Cob
VCB = 10V, IE = 0, f = 1MHz
85
pF


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn