Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8471ZFP Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8471ZFP
Description  Hysteretic, High Brightness LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8471ZFP Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8471ZFP Datasheet HTML 6Page - Richtek Technology Corporation RT8471ZFP Datasheet HTML 7Page - Richtek Technology Corporation RT8471ZFP Datasheet HTML 8Page - Richtek Technology Corporation RT8471ZFP Datasheet HTML 9Page - Richtek Technology Corporation RT8471ZFP Datasheet HTML 10Page - Richtek Technology Corporation RT8471ZFP Datasheet HTML 11Page - Richtek Technology Corporation RT8471ZFP Datasheet HTML 12Page - Richtek Technology Corporation RT8471ZFP Datasheet HTML 13Page - Richtek Technology Corporation RT8471ZFP Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
DS8471-02 December 2013
www.richtek.com
RT8471
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
The capacitor can be selected according to below
equation :
C = 1.5 x 10-6 x tSS
where tss is the soft-start period.
LED Current Ripple Reduction
Higher LED current ripple will shorten the LED life time
and increase heat accumulation of LED. There are two
ways to reduce the LED current ripple. One way is by
increasing the inductance to lower LED current ripple in
absence of an output capacitor. The other way is by adding
an output capacitor in parallel with the LED. This will then
allow the use of a smaller inductor.
Inductor Selection
The inductance is determined by inductor current ripple,
switching frequency, duty ratio, circuit specifications and
component parameters, as expressed in the following
equation :
Diode selection
To obtain better efficiency, the Schottky diode is
recommended for its low reverse leakage current, low
recovery time and low forward voltage. With its low power
dissipation, the Schottky diode outperforms other silicon
diodes and increase overall efficiency.
Input Capacitor selection
Input capacitor has to supply peak current to the inductor
and flatten the current ripple on the input. The low ESR
condition is required to avoid increasing power loss. The
ceramic capacitor is recommended due to its excellent
high frequency characteristic and low ESR, which are
suitable for the RT8471. For maximum stability over the
entire operating temperature range, capacitors with better
dielectric are suggested.
Thermal Protection
A thermal protection feature is included to protect the
RT8471 from excessive heat damage. When the junction
temperature exceeds a threshold of 150
°C, the thermal
protection will turn off the LX terminal. When the junction
temperature drops below 120
°C, the RT8471 will turn back
on the LX terminal and return to normal operations.
where
fSW is the switching frequency (Hz)
RDS(ON) is the low side switch on-resistance of internal
MOSFET ( = 0.35
Ω typical)
D is the duty cycle determined by VOUT/VIN
IOUT is the required LED current (A)
ΔILis the inductor peak-peak ripple current (internally set
to 0.3 x IOUT)
VIN is the input supply voltage (V)
VOUT is the total LED forward voltage (V)
Besides, the selected inductance has also to satisfy the
limit of the minimum switch on/off time. The calculated
on time must be greater than 210ns of the minimum on
time, and the off time must be greater than 170ns of the
minimum off time. The following equation can be used to
verify the suitability of the inductor value.
where
VD is the rectifier diode forward voltage (V)
VSEN is the voltage cross current sense resistor (V)
RL is the inductor DC resistance (
Ω)
L is the inductance (H)
The saturation current of the selected inductor must be
higher than the peak output LED current, and the
continuous current rating must be above the average output
LED current. In general, the inductor saturation current
should be 1.5 times the LED current. In order to reduce
the output current ripple, a higher inductance is
recommended at higher supply voltages. However, it could
also cause a higher line resistance and result in a lower
efficiency.

IN
OUT
SEN
DS(ON)
OUT
SW
L
D
L > V
V
V
R
I
fI





L
ON
IN
OUT
OUT
SEN
L
DS(ON)
ON(MIN)
LI
t
VV
I
R
R
R
t
(210ns typ.)



L
OFF
OUT
D
SEN
OUT
L
OFF(MIN)
LI
t
VV
V
I
R
t
(170ns typ.)




Similar Part No. - RT8471ZFP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8474A RICHTEK-RT8474A Datasheet
207Kb / 13P
   High Voltage Multiple-Topology LED Driver
RT8477A RICHTEK-RT8477A Datasheet
200Kb / 13P
   High Voltage High Multiple-Topology Current LED Driver
RT8479C RICHTEK-RT8479C Datasheet
148Kb / 15P
   Two-Stage Hysteretic LED Driver
RT8479CGSP RICHTEK-RT8479CGSP Datasheet
148Kb / 15P
   Two-Stage Hysteretic LED Driver
More results

Similar Description - RT8471ZFP

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1361S UNIONSEMI-UM1361S Datasheet
480Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360 UNIONSEMI-UM1360_16 Datasheet
603Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360 UNIONSEMI-UM1360 Datasheet
855Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351_16 Datasheet
467Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1361S UNIONSEMI-UM1361S_16 Datasheet
488Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
Union Semiconductor, In...
UM1351 UNIONSEMI-UM1351 Datasheet
849Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
E-CMOS Corporation
EC4304C E-CMOS-EC4304C Datasheet
591Kb / 8P
   1.5A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
Micrel Semiconductor
MIC3205 MICREL-MIC3205 Datasheet
1,022Kb / 23P
   High-Brightness LED Driver Controller with Fixed-Frequency Hysteretic Control
logo
Microchip Technology
AT9919 MICROCHIP-AT9919 Datasheet
504Kb / 16P
   Hysteretic Buck High-Brightness LED Driver with High-Side Current Sensing
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com