Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC6315 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part No. MIC6315
Description  Open-Drain UP Reset Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC6315 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC6315 Datasheet HTML 1Page - Micrel Semiconductor MIC6315 Datasheet HTML 2Page - Micrel Semiconductor MIC6315 Datasheet HTML 3Page - Micrel Semiconductor MIC6315 Datasheet HTML 4Page - Micrel Semiconductor MIC6315 Datasheet HTML 5Page - Micrel Semiconductor MIC6315 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MIC6315
Micrel
M9999-071504
6
July, 2004
Package Information
0.150 (0.0059)
0.089 (0.0035)
8
°
0
°
0.400 (0.016) TYP 3 PLACES
2.50 (0.098)
2.10 (0.083)
1.40 (0.055)
1.20 (0.047)
0.950 (0.0374) TYP
3.05 (0.120)
2.67 (0.105)
0.800 (0.031) TYP
1.12 (0.044)
0.81 (0.032)
0.10 (0.004)
0.013 (0.0005)
DIMENSIONS:
MM (INCH)
0.41 (0.016)
0.13 (0.005)
CL
CL
4-Pin SOT-143 (U)
MICREL, INC.
1849 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s
use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser’s own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2004 Micrel, Incorporated.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MAX6315 Open-Drain SOT μP Reset Circuit 1  2  3  4  5  More Maxim Integrated Products
ISL6414 Triple Output Low-Noise LDO Regulator with Integrated Reset Circuit 1  2  3  4  5  More Intersil Corporation
MIC1810 Microprocessor Reset Circuit 1  2  3  4  5  More Micrel Semiconductor
ASM1832 3.3V UP Power Supply Monitor and Reset Circuit 1  2  3  4  5  More Alliance Semiconductor Corporation
CAT1232LP 5V and 3.3V Supply Voltage Monitor and Reset Circuit 1  2  3  4  5  More Catalyst Semiconductor
TS823 Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset 1  2  3  4  5  More Taiwan Semiconductor Company, Ltd
EM6325 Reset Circuit with Manual Reset 1  2  3  4  5  More EM Microelectronic - MARIN SA
MIC1815 Microprocessor Reset Circuit 1  2  3  4  5  More Micrel Semiconductor
CAT1163 Supervisory Circuit with I2C Serial CMOS EEPROM Precision Reset Controller and Watchdog Timer 1  2  3  4  5  More Catalyst Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn