Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT4533 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT4533
Description  Asynchronous Boost Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4533 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT4533 Datasheet HTML 3Page - Richtek Technology Corporation RT4533 Datasheet HTML 4Page - Richtek Technology Corporation RT4533 Datasheet HTML 5Page - Richtek Technology Corporation RT4533 Datasheet HTML 6Page - Richtek Technology Corporation RT4533 Datasheet HTML 7Page - Richtek Technology Corporation RT4533 Datasheet HTML 8Page - Richtek Technology Corporation RT4533 Datasheet HTML 9Page - Richtek Technology Corporation RT4533 Datasheet HTML 10Page - Richtek Technology Corporation RT4533 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
RT4533/A
www.richtek.com
DS4533/A-02
September 2015
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 2. PCB Layout Guide
RSET
VIN
GND
WLEDs
The inductor should be placed as close as
possible to the switch pin to minimize the
noise coupling into other circuits.
LX node copper area should be minimized
for reducing EMI.
FB node copper area should be
minimized and keep far away
from noise sources (LX pin) and
RS should be as close as
possible to FB pin.
CIN should be placed
as closed as possible
to VIN pin for good
filtering.
The COUT should be connected
directly from the output schottky
diode to ground rather than
across the WLEDs
4
2
3
5
6
1
VIN
VOUT
EN
LX
GND
FB
L
D
CIN
COUT
It recommended to add 100 Ohm
between IC's VOUT and WLED's
anode for improving system ESD
level.


Similar Part No. - RT4533

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4531 RICHTEK-RT4531 Datasheet
195Kb / 14P
   Dual Channel 10s2p WLED Drivers
RT4531WSC RICHTEK-RT4531WSC Datasheet
195Kb / 14P
   Dual Channel 10s2p WLED Drivers
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
RT4532WSC RICHTEK-RT4532WSC Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
More results

Similar Description - RT4533

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA2007 MPOWER-MA2007 Datasheet
291Kb / 6P
   750KHz Asynchronous Boost Converter
logo
Anpec Electronics Corop...
APW7272 ANPEC-APW7272 Datasheet
323Kb / 18P
   24V 4A Asynchronous Boost Converter
logo
Major-Power Technology ...
MA2004A MPOWER-MA2004A Datasheet
365Kb / 6P
   3A 750KHz Asynchronous Boost Converter
MA2004 MPOWER-MA2004 Datasheet
428Kb / 6P
   3A 750KHz Asynchronous Boost Converter
logo
Richtek Technology Corp...
RT4503 RICHTEK-RT4503 Datasheet
268Kb / 13P
   Asynchronous Boost Converter for 10 WLEDs
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
Shenzhen Huazhimei Semi...
HM1621 HMSEMI-HM1621 Datasheet
935Kb / 11P
   1MHz Asynchronous Boost Regulator
HM5310 HMSEMI-HM5310 Datasheet
1Mb / 5P
   Input 5V to 35V output 100V 1A asynchronous boost converter
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
   43V Asynchronous Boost WLED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3128 FUMAN-A3128 Datasheet
293Kb / 12P
   Asynchronous Boost 10 White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com