Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT4533 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT4533
Description  Asynchronous Boost Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4533 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT4533 Datasheet HTML 2Page - Richtek Technology Corporation RT4533 Datasheet HTML 3Page - Richtek Technology Corporation RT4533 Datasheet HTML 4Page - Richtek Technology Corporation RT4533 Datasheet HTML 5Page - Richtek Technology Corporation RT4533 Datasheet HTML 6Page - Richtek Technology Corporation RT4533 Datasheet HTML 7Page - Richtek Technology Corporation RT4533 Datasheet HTML 8Page - Richtek Technology Corporation RT4533 Datasheet HTML 9Page - Richtek Technology Corporation RT4533 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
RT4533/A
www.richtek.com
DS4533/A-02
September 2015
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Timing Diagram
LX
FB
GND
RT4533/A
VIN
EN
4.7µF
L
10µH to 22µH
1µF / 50V
VIN
1
6
VOUT
COUT
VOUT
3
5
Enable
CIN
4
2
RSET
10 WLEDs
D
FB
5kHz < FPWM < 100kHz
TSHDN > 20ms
EN
Period1
Period2
on-time1
on-time2
Duty1 x 200mV
Duty1 x 300mV
Duty2 x 200mV
Duty2 x 300mV
Duty1 : on-time1/Period1
Duty2 : on-time2/Period2


Similar Part No. - RT4533

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4531 RICHTEK-RT4531 Datasheet
195Kb / 14P
   Dual Channel 10s2p WLED Drivers
RT4531WSC RICHTEK-RT4531WSC Datasheet
195Kb / 14P
   Dual Channel 10s2p WLED Drivers
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
RT4532WSC RICHTEK-RT4532WSC Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
More results

Similar Description - RT4533

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA2007 MPOWER-MA2007 Datasheet
291Kb / 6P
   750KHz Asynchronous Boost Converter
logo
Anpec Electronics Corop...
APW7272 ANPEC-APW7272 Datasheet
323Kb / 18P
   24V 4A Asynchronous Boost Converter
logo
Major-Power Technology ...
MA2004A MPOWER-MA2004A Datasheet
365Kb / 6P
   3A 750KHz Asynchronous Boost Converter
MA2004 MPOWER-MA2004 Datasheet
428Kb / 6P
   3A 750KHz Asynchronous Boost Converter
logo
Richtek Technology Corp...
RT4503 RICHTEK-RT4503 Datasheet
268Kb / 13P
   Asynchronous Boost Converter for 10 WLEDs
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
Shenzhen Huazhimei Semi...
HM1621 HMSEMI-HM1621 Datasheet
935Kb / 11P
   1MHz Asynchronous Boost Regulator
HM5310 HMSEMI-HM5310 Datasheet
1Mb / 5P
   Input 5V to 35V output 100V 1A asynchronous boost converter
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
   43V Asynchronous Boost WLED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3128 FUMAN-A3128 Datasheet
293Kb / 12P
   Asynchronous Boost 10 White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com