Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT4533 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT4533
Description  Asynchronous Boost Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4533 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT4533 Datasheet HTML 1Page - Richtek Technology Corporation RT4533 Datasheet HTML 2Page - Richtek Technology Corporation RT4533 Datasheet HTML 3Page - Richtek Technology Corporation RT4533 Datasheet HTML 4Page - Richtek Technology Corporation RT4533 Datasheet HTML 5Page - Richtek Technology Corporation RT4533 Datasheet HTML 6Page - Richtek Technology Corporation RT4533 Datasheet HTML 7Page - Richtek Technology Corporation RT4533 Datasheet HTML 8Page - Richtek Technology Corporation RT4533 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
RT4533/A
www.richtek.com
DS4533/A-02
September 2015
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ------------------------------------------------------------------------------------------ 2.5V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------
−40°C to 85°C
(VIN = 3.6V, CIN = 4.7
μF, COUT = 1μF, L = 22μH, fSW = 1.1MHz, TA = 25°C, unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
VIN ----------------------------------------------------------------------------------------------------------------------
−0.3V to 6V
EN, FB to GND -------------------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
LX to GND -------------------------------------------------------------------------------------------------------------
−0.3V to 38V
VOUT to GND ----------------------------------------------------------------------------------------------------------
−0.3V to 40V
Power Dissipation, PD @ TA = 25
°C
TSOT-23-6 ------------------------------------------------------------------------------------------------------------- 0.5W
Package Thermal Resistance (Note 2)
TSOT-23-6,
θJA ------------------------------------------------------------------------------------------------------- 197.4°C/W
Junction Temperature ----------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ----------------------------------------------------------------------------------------------- 200V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supply
IC Operating Current (switching)
IQ_SW
VFB = 0V
0.25
0.8
1.5
mA
IC Quiescent Current (non-switching)
IQ
VFB = 0.4V
0.25
0.35
0.5
mA
VIN Pin Shutdown Current
ISD
EN = GND
--
0.3
1
A
Under-Voltage Lockout Threshold,
UVLO
VIN Rising Edge
2.25
2.37
2.5
V
Under-Voltage Lockout Hysteresis
UVLO_hys
VIN Falling Edge
--
80
--
mV
Enable and Reference Control
Logic-High
VIH
1.4
--
--
EN Input Voltage
Logic-Low
VIL
--
--
0.4
V
EN Pull Low Resistance
REN
--
300
--
k
EN Minimum Shut down Pulse Width
Toff
20
--
--
ms
EN Minimum Logic High Pulse Width
THigh_Min
0.5
--
--
s
EN Minimum logic low pulse width
TLow
1
--
10000
s
Internal Comp Resistance
Rcomp
--
7
--
M
PWM Minimum Duty
Dpwm min
--
3
--
%
PWM Frequency
fPWM
5
--
100
kHz


Similar Part No. - RT4533

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4531 RICHTEK-RT4531 Datasheet
195Kb / 14P
   Dual Channel 10s2p WLED Drivers
RT4531WSC RICHTEK-RT4531WSC Datasheet
195Kb / 14P
   Dual Channel 10s2p WLED Drivers
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
RT4532WSC RICHTEK-RT4532WSC Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
More results

Similar Description - RT4533

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA2007 MPOWER-MA2007 Datasheet
291Kb / 6P
   750KHz Asynchronous Boost Converter
logo
Anpec Electronics Corop...
APW7272 ANPEC-APW7272 Datasheet
323Kb / 18P
   24V 4A Asynchronous Boost Converter
logo
Major-Power Technology ...
MA2004A MPOWER-MA2004A Datasheet
365Kb / 6P
   3A 750KHz Asynchronous Boost Converter
MA2004 MPOWER-MA2004 Datasheet
428Kb / 6P
   3A 750KHz Asynchronous Boost Converter
logo
Richtek Technology Corp...
RT4503 RICHTEK-RT4503 Datasheet
268Kb / 13P
   Asynchronous Boost Converter for 10 WLEDs
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
Shenzhen Huazhimei Semi...
HM1621 HMSEMI-HM1621 Datasheet
935Kb / 11P
   1MHz Asynchronous Boost Regulator
HM5310 HMSEMI-HM5310 Datasheet
1Mb / 5P
   Input 5V to 35V output 100V 1A asynchronous boost converter
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
   43V Asynchronous Boost WLED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3128 FUMAN-A3128 Datasheet
293Kb / 12P
   Asynchronous Boost 10 White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com