Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZJZZV270DAB Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EZJZZV270DAB
Description  Multilayer Varistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZZV270DAB Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EZJZZV270DAB Datasheet HTML 1Page - Panasonic Semiconductor EZJZZV270DAB Datasheet HTML 2Page - Panasonic Semiconductor EZJZZV270DAB Datasheet HTML 3Page - Panasonic Semiconductor EZJZZV270DAB Datasheet HTML 4Page - Panasonic Semiconductor EZJZZV270DAB Datasheet HTML 5Page - Panasonic Semiconductor EZJZZV270DAB Datasheet HTML 6Page - Panasonic Semiconductor EZJZZV270DAB Datasheet HTML 7Page - Panasonic Semiconductor EZJZZV270DAB Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Varistors
10–6
10–5
10–4
10–3
10–2
Current (A)
10–1
100
101
102
300
200
100
10
1
Max. Leakage Current
Max. Clamping Voltage
EZJZ□V420□A
EZJZ□V330□A
EZJZ□V270□A
EZJZ□V220□A
EZJZ□V180□A
EZJZ□V120□A
EZJZ□V650□A
10–6
10–5
10–4
10–3
10–2
Current (A)
10–1
100
101
100
10
1
Max. Leakage Current
Max. Clamping Voltage
(Typical curve)
(Typical curve)
EZJP□V270RA
EZJPZV120GA
EZJP□V080□A
EZJP□V6R8□A
EZJPZV150RA
EZJP□V270RA
EZJPZV120GA
EZJP□V080□A
EZJP□V6R8□A
EZJPZV150RA
EZJZ□V420□A
EZJZ□V330□A
EZJZ□V270□A
EZJZ□V220□A
EZJZ□V180□A
EZJZ□V120□A
EZJZ□V650□A
0.1
1
10
100
Frequency (MHz)
1000
10000
330 pF max.
220 pF max.
100 pF max.
47 pF max.
20 pF max.
10000
1
10
100
1000
0.1
1
10
100
Frequency (MHz)
1000
10000
680 pFmax.
330 pFmax.
100 pFmax.
27 pFmax.
20 pFmax.
10000
1
10
100
1000
(Typical curve)
(Typical curve)
10 pFmax.
Frequency (MHz)
20 pF max.
47 pF max.
100 pF max.
220 pF max.
330 pF max.
10
–50
0.1
1
10
100
1000
10000
–60
–40
–30
20
0
–10
Frequency (MHz)
27 pFmax.
20 pFmax.
330 pFmax.
680 pFmax.
100 pFmax.
10
–50
0.1
1
10
100
1000
10000
–60
–40
–30
20
0
–10
(Typical curve)
(Typical curve)
10 pFmax.
EZJZ Series
EZJZ Series
EZJZ Series
Capacitance vs. Frequency
Attenuation vs. Frequency
EZJP Series
EZJP Series
EZJP Series
Voltage vs. Current
Nov. 2016
04


Similar Part No. - EZJZZV270DAB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZJZZV270DAB PANASONIC-EZJZZV270DAB Datasheet
172Kb / 8P
   Multilayer Varistor for ESD pulse
More results

Similar Description - EZJZZV270DAB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZSV270EAK PANASONIC-EZJZSV270EAK Datasheet
592Kb / 7P
   Multilayer Varistors
logo
UN Semiconducctor INC
ESD0402-0603 UNSEMI-ESD0402-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN1206-XXXH UNSEMI-UN1206-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0201-0603 UNSEMI-UN0201-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
ESD0402M-0603M UNSEMI-ESD0402M-0603M Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN3220-XXXH UNSEMI-UN3220-XXXH Datasheet
4Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0402E-0603E UNSEMI-UN0402E-0603E Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0805-XXXH UNSEMI-UN0805-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com