Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT4532 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT4532
Description  High Efficiency Backlight LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4532 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT4532_15 Datasheet HTML 4Page - Richtek Technology Corporation RT4532_15 Datasheet HTML 5Page - Richtek Technology Corporation RT4532_15 Datasheet HTML 6Page - Richtek Technology Corporation RT4532_15 Datasheet HTML 7Page - Richtek Technology Corporation RT4532_15 Datasheet HTML 8Page - Richtek Technology Corporation RT4532_15 Datasheet HTML 9Page - Richtek Technology Corporation RT4532_15 Datasheet HTML 10Page - Richtek Technology Corporation RT4532_15 Datasheet HTML 11Page - Richtek Technology Corporation RT4532_15 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
RT4532
DS4532-01 August 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
WL-CSP-10B 0.87x2.07 (BSC) package, the thermal
resistance,
θJA, is 99.6°C/W on a standard JEDEC 51-7
four-layer thermal test board. The maximum power
dissipation at TA = 25
°C can be calculated by the following
formula :
PD(MAX) = (125
°C − 25°C) / (99.6°C/W) = 1W for
WL-CSP-10B 0.87x2.07 (BSC) package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 1 allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
Layout Consideration
As for all switching power supplies, the layout is an
important step in the design, especially at high peak
currents and switching frequencies. If the layout is not
carefully done, the regulator might expose noise problems
and duty cycle jitter. Therefore, use wide and short traces
for high current paths. The input capacitor should be placed
as close as possible to the input pin for good input voltage
filtering. The inductor should be placed as close as possible
to the switch pin to minimize the noise coupling into other
circuits. The output capacitor needs to be placed directly
from the VOUT pin to GND rather than across the LEDs.
This reduces the ripple current in the trace to the LEDs.
When doing the PCB layout, the bold traces should be
routed first, as well as placement of the inductor, and input
and output capacitors.
Figure 1. Derating Curve of Maximum Power Dissipation
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB


Similar Part No. - RT4532_15

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
More results

Similar Description - RT4532_15

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
logo
Texas Instruments
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI1-LP8556_16 Datasheet
1Mb / 63P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
logo
Kinetic Technologies.
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
   High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
logo
Texas Instruments
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI-LP8556 Datasheet
1Mb / 52P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
logo
Kinetic Technologies.
KTD3133 KINETIC-KTD3133 Datasheet
1,019Kb / 24P
   High Efficiency 2-Channel LED Backlight Driver
October 2018 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com