Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-71543-BLK Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # MGA-71543-BLK
Description  Low Noise Amplifier with Mitigated Bypass Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA-71543-BLK Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  MGA-71543-BLK Datasheet HTML 1Page - Agilent(Hewlett-Packard) MGA-71543-BLK Datasheet HTML 2Page - Agilent(Hewlett-Packard) MGA-71543-BLK Datasheet HTML 3Page - Agilent(Hewlett-Packard) MGA-71543-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) MGA-71543-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) MGA-71543-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) MGA-71543-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) MGA-71543-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) MGA-71543-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
4
MGA-71543 Typical Performance
Tc = 25°C, Zo = 50, Vd = 3V, Id = 10 mA unless stated otherwise. Data vs. frequency was measured in Figure 5 test system
and was optimized for each frequency with external tuners.
Figure 4. MGA-71543 Production Test Circuit.
Figure 5. MGA-71543 Test Circuit for S, Noise, and
Power Parameters over Frequency.
RF
Input
Vref
56 pF
960 pF
1.5 nH
2.7 nH
3.9 nH
Vds
RF
Output
2
1
4
3
56 pF
56 pF
RF
Input
Bias Tee
Vds
RF
Output
Vref
Bias
Tee
Test Fixture
2.7V
3.0V
3.3V
FREQUENCY (GHz)
Figure 6. Minimum Noise Figure vs.
Frequency and Voltage.
1.5
1.3
1.1
0.9
0.7
0.5
06
6
6
2
14
5
3
2.7V
3.0V
3.3V
FREQUENCY (GHz)
Figure 7. Associated Gain with Fmin vs.
Frequency and Voltage.
20
17
14
11
8
5
0
2
14
5
3
FREQUENCY (GHz)
Figure 8. Input Third Order Intercept Point vs.
Frequency and Voltage.
18
15
12
9
6
3
0
-3
02
14
5
3
2.7V
3.0V
3.3V
FREQUENCY (GHz)
Figure 9. Associated Gain with Fmin vs.
Frequency.
20
17
14
11
8
5
0
2
14
5
3
-40
°C
+25
°C
+85
°C
FREQUENCY (GHz)
500 MHz to 6 GHz
Figure 10. Input Third Order Intercept Point
vs. Frequency and Temperature.
18
15
12
9
6
3
0
-3
02
14
5
3
-40
°C
+25
°C
+85
°C
Figure 11. S11 Impedance vs. Frequency.
(m1 = Sw, m2 = 6 mA, m3 = 10 mA)
m1
m2
m3
Figure 12. S22 Impedance vs. Frequency.
(m1 = Sw, m2 = 6 mA, m3 = 10 mA)
m2 m1
m3
Gass w/Fmin
Minimum
FREQUENCY (GHz)
Figure 13. Bypass Mode Associated
Insertion Loss with Fmin Match and
Minimum Loss vs. Frequency.
0
-2
-4
-6
-8
-10
0
2
14
5
3
02
14
5
3
2.7V
3.0V
3.3V
FREQUENCY (GHz)
Figure 14. Output Power at 1 dB Compression
vs. Frequency and Voltage.[4]
18
15
12
9
6
3
0
-3
500 MHz to 6 GHz
66
66
88759/06-PM60J-11
2001.04.26, 10:43 AM
Page 4
Adobe PageMaker 6.0J/PPC


Similar Part No. - MGA-71543-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-71543-BLK HP-MGA-71543-BLK Datasheet
266Kb / 24P
   Low Noise Amplifier with Mitigated Bypass Switch
MGA-71543-BLKG HP-MGA-71543-BLKG Datasheet
266Kb / 24P
   Low Noise Amplifier with Mitigated Bypass Switch
More results

Similar Description - MGA-71543-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-71543 BOARDCOM-DEMO-MGA-71543 Datasheet
564Kb / 24P
   Low Noise Amplifier with Mitigated Bypass Switch
MGA-71543 BOARDCOM-MGA-71543 Datasheet
564Kb / 24P
   Low Noise Amplifier with Mitigated Bypass Switch
DEMO-MGA-7X543B BOARDCOM-DEMO-MGA-7X543B Datasheet
564Kb / 24P
   Low Noise Amplifier with Mitigated Bypass Switch
logo
Agilent(Hewlett-Packard...
MGA-71543 HP-MGA-71543_04 Datasheet
266Kb / 24P
   Low Noise Amplifier with Mitigated Bypass Switch
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com