Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM117H-SMD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM117H-SMD
Description  POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM117H-SMD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM117H-SMD Datasheet HTML 1Page - National Semiconductor (TI) LM117H-SMD Datasheet HTML 2Page - National Semiconductor (TI) LM117H-SMD Datasheet HTML 3Page - National Semiconductor (TI) LM117H-SMD Datasheet HTML 4Page - National Semiconductor (TI) LM117H-SMD Datasheet HTML 5Page - National Semiconductor (TI) LM117H-SMD Datasheet HTML 6Page - National Semiconductor (TI) LM117H-SMD Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Original Creation Date: 06/27/95
Last Update Date: 09/18/95
Last Major Revision Date: 06/27/95
MDLM117-H REV 0A0
MICROCIRCUIT DATA SHEET
POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
General Description
The LM117 adjustable 3-terminal positive voltage regulator is capable of supplying in
excess of 0.5A over a 1.2V to 37V output range. It is exceptionally easy to use and
requires only two external resistors to set the output voltage. Further, both line and
load regulation are better than standard fixed regulators.
In addition to higher performance than fixed regulators, the LM117 offers full overload
protection available only in IC's. Included on the chip are current limit, thermal
overload protection and safe area protection. All overload protection circuitry remains
fully functional even if the adjustment terminal is disconnected.
Normally, no capacitors are needed unless the device is situated more than 6 inches from
the input filter capacitors in which case an input bypass is needed. An optional output
capacitor can be added to improve transient response. The adjustment terminal can be
bypassed to achieve very high ripple rejection ratios which are difficult to achieve with
standard 3-terminal regulators.
Besides replacing fixed regulators, the LM117 is useful in a wide variety of other
applications. Since the regulator is "Floating" and sees only the input-to-output
differential voltage, supplies of several hundred volts can be regulated as long as the
maximum input to output differential is not exceeded, (i.e., avoid short-circuiting the
output).
Also, it makes an especially simple adjustable switching regulator, a programmable output
regulator, or by connecting a fixed resistor between the adjustment pin and output, the
LM117 can be used as a precision current regulator. Supplies with electronic shutdown can
be achieved by clamping the adjustment terminal to ground which programs the output to
1.2V where most loads draw little current.
NS Part Numbers
LM117H-SMD
Industry Part Number
LM117H
Prime Die
LM117H
Controlling Document
DESC.# 7703401XA
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


Similar Part No. - LM117H-SMD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM117H NSC-LM117H Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
Seme LAB
LM117H SEME-LAB-LM117H Datasheet
24Kb / 2P
   0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
National Semiconductor ...
LM117H NSC-LM117H Datasheet
1,013Kb / 28P
   3-Terminal Adjustable Regulator
logo
Seme LAB
LM117H SEME-LAB-LM117H Datasheet
206Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Texas Instruments
LM117H TI1-LM117H Datasheet
3Mb / 38P
[Old version datasheet]   LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
More results

Similar Description - LM117H-SMD

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
logo
ON Semiconductor
LM317M ONSEMI-LM317M Datasheet
232Kb / 16P
   Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
LM317L ONSEMI-LM317L Datasheet
184Kb / 12P
   LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
CJ7806F-TO-220 JIANGSU-CJ7806F-TO-220 Datasheet
117Kb / 1P
   Three-terminal positive voltage regulator
CJ7918-TO-220 JIANGSU-CJ7918-TO-220 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com